Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH501100PN Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH501100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH501100PN Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH501100PN Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
171
Low profile wire-wound common choke coil.
DLW21HSeries (0805 Size)
DLW Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLW21H
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
3000
B
Bulk(Bag)
500
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLW21HN670SQ2p
67ohm
±25%
330mA
50Vdc
10M ohm
125Vdc
0.35ohm max.
DLW21HN900SQ2p
90ohm
±25%
330mA
50Vdc
10M ohm
125Vdc
0.35ohm max.
DLW21HN121SQ2p
120ohm
±25%
280mA
50Vdc
10M ohm
125Vdc
0.45ohm max.
DLW21HN181SQ2p
180ohm
±25%
250mA
50Vdc
10M ohm
125Vdc
0.50ohm max.
1.2
±0.2
2.0
±0.2
(0.45)
(1)
(2)
(0.45)
(4)
(3)
(in mm)
: Electrode
Frequency (MHz)
0.1
1
10
100
1000
10000
1
10
100
1000
Common mode
Differential mode
DLW21HN670SQ2
DLW21HN121SQ2
DLW21HN900SQ2
DLW21HN670SQ2
DLW21HN121SQ2
DLW21HN900SQ2
DLW21HN181SQ2
DLW21HN181SQ2
(1)
(4)
(2)
(3)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com