Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8436ACPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8436ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD8436
Rev. B | Page 3 of 24
SPECIFICATIONS
eIN = 300 mV (rms), frequency = 1 kHz sinusoidal, ac-coupled, ±VS = ±5 V, TA = 25°C, CAVG = 10 µF, unless otherwise specified.
Table 1.
AD8436A, AD8436J
AD8436B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
RMS CORE
Conversion Error
Default conditions
±10 − 0.5
±0 ± 0
±10 + 0.5
±10 − 0.25
±0 ± 0
±10 + 0.25
μV/% rdg
Vs. Temperature
−40°C < T < 125 C
0.006
0.006
%/°C
Vs. Rail Voltage
±2.4 V to ±18 V
±0.013
±0.013
±%/V
Input VOS
DC-coupled
−500
0
+500
−250
0
+250
μV
Output VOS
AC-coupled input
0
0
V
Vs. Temperature
−40 C < T < 125°C
0.3
0.3
μV/°C
DC Reversal Error
DC-coupled, VIN = ±300 mV
−1.5
0
+1.5
−1.0
0
+1.0
%
Nonlinearity
eIN = 2 mV to 500 mV ac
±0.2
±0.2
%
Crest Factor Error
(Additional)
1 < CF < 10
CCF = 0.1 μF
−0.5
+0.5
−0.5
+0.5
%
Peak Input Voltage
−VS − 0.7
+VS + 0.7
−VS − 0.7
+VS + 0.7
V
Input Resistance
7.92
8
8.08
7.92
8
8.08
kΩ
Response
VIN = 300 mV rms
1% Error
(Additional)
65
65
kHz
3 dB Bandwidth
1
1
MHz
Settling Time
0.1%
Rising/falling
148/341
148/341
ms
0.01%
Rising/falling
158/350
158/350
ms
Output Resistance
15.68
16
16.32
15.68
16
16.32
kΩ
Supply Current
No input
325
365
325
365
μA
INPUT BUFFER
Voltage Swing
G = 1
Input
AC- or dc-coupled
−VS
+VS
−VS
+VS
V
Output
AC-coupled to Pin RMS
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
mV
Offset Voltage
−1
0
+1
−0.5
0
+0.5
mV
Input Bias Current
50
50
pA
Input Resistance
1012
1012
Response
(Frequency)
0.1 dB
950
950
kHz
3 dB Bandwidth
2.1
2.1
MHz
Supply Current
100
160
200
100
160
200
μA
Optional Gain Resistor
−9.9
+10
+10.1
−9.9
+10
+10.1
kΩ
Gain Error
G = ×1
0.05
0.05
%
OUTPUT BUFFER
RL = ∞
Offset Voltage
Connected to Pin OUT
−200
0
+200
−150
0
+150
μV
Input Current (IB)
2
51
2
51
nA
Output Swing
(Voltage)
−VS + 50e-6
+VS − 1
−VS + 50e-6
+VS − 1
V
Output Drive Current
−0.5 (sink)
+15 (source) −0.5 (sink)
+15 (source) mA
Gain Error
0.003
0.01
0.003
0.01
%
Supply Current
40
70
40
70
μA
SUPPLY VOLTAGE
Dual
±2.4
±18
±2.4
±18
V
Single
4.8
36
4.8
36
V
1
IB max measured at power up. Settles to typical value in <15 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com