Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8436ACPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8436ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD8436
Rev. B | Page 7 of 24
12
100
1k
FREQUENCY (Hz)
100k
10k
0
15
3
9
6
5M
1M
–15
–12
–3
–9
–6
eIN = 3.5mV rms
Figure 11. Output Buffer, Small Signal Bandwidth
20
SUPPLY VOLTAGE (±V)
8
4
2
6
14
12
10
0.3
0.5
0.4
0
–0.1
CAVG = 10µF
8 SAMPLES
0
–0.3
–0.4
–0.2
0.2
0.1
–0.5
18
16
Figure 12. Additional Error vs. Supply Voltage
4
6
SUPPLY VOLTAGE (±V)
10
8
0.8
2.0
1.2
0.4
14
12
2
0
16
18
0
1.6
Figure 13. Core Input Voltage for 1% Error vs. Supply Voltage
CREST FACTOR RATIO
2
0
5
6
4
0
8
10
10
−5
−10
CAVG = 10µF
CAVG = 10µF
CCF = 0.1µF
PW = 100µs
Figure 14. Crest Factor Error vs. Crest Factor for CAVG and CAVG and CCF
Capacitor Combinations
TEMPERATURE (°C)
25
0
0.50
0.25
0.75
75
50
0
100
125
1.00
–25
–50
−0.50
−0.25
−0.75
−1.00
Figure 15. Additional Conversion Error vs. Temperature
2.5
0.5
1.0
INPUT VOLTAGE (V rms)
2.0
1.5
1.5
0.5
2.0
1.0
0
0
VS = ±2.4V
VS = ±15V
VS = ±5V
Figure 16. RMS Core Supply Current vs. Input for VS = ±2.4 V, ±5 V, and ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com