Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8436ACPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8436ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8436
Data Sheet
Rev. B | Page 10 of 24
THEORY OF OPERATION
OVERVIEW
The AD8436 is an implicit function rms-to-dc converter that
renders a dc voltage dependent on the rms (heating value) of an
ac voltage. In addition to the basic converter, this highly integrated
functional circuit block includes two fully independent, optional
amplifiers, a standalone FET input buffer amplifier and a precision
dc output buffer amplifier (see Figure 1). The rms core includes
a precision current responding full-wave rectifier and a log-antilog
transistor array for current squaring and square rooting to imple-
ment the classic expression for rms (see Equation 1). For basic
applications, the converter requires only an external capacitor, for
averaging (see Figure 31). The optional on-board amplifiers
offer utility and flexibility in a variety of applications without
incurring additional circuit board footprint. For lowest power,
the amplifier supply pins are left unconnected.
Why RMS?
The rms value of an ac voltage waveform is equal to the dc voltage
providing the same heating power to a load. A common measure-
ment technique for ac waveforms is to rectify the signal in a
straightforward way using a diode array of some sort, resulting in
the average value. The average value of various waveforms (sine,
square, and triangular, for example) varies widely; true rms is
the only metric that achieves equivalency for all ac waveforms.
See Table 5 for non-rms-responding circuit errors.
The acronym “rms” means root-mean-square and reads as follows:
“the square root of the average of the sum of the squares” of the
peak values of any waveform. RMS is shown in the following
equation:
1
T
erms =
V(t)2dt
0
T
(1)
For additional information, select Section I of the 2nd edition of
the Analog Devices RMS-to-DC Applications Guide.
RMS Core
The core consists of a voltage-to-current converter (precision
resistor), absolute value, and translinear sections. The translinear
section exploits the properties of the bipolar transistor junctions
for squaring and root extraction (see Figure 24). The external
capacitor (CAVG) provides for averaging the product. Figure 20
shows that there is no effect of signal input on the transition times,
as seen in the dc output. Although the rms core responds to input
voltages, the conversion process is current sensitive. If the rms
input is ac-coupled, as recommended, there is no output offset
voltage, as reflected in Table 1. If the rms input is dc-coupled, the
input offset voltage is reflected in the output and can be calibrated
as with any fixed error.
V–
AC IN
V+
OUT
+
V +
5kΩ CAVG
ABSOLUTE
VALUE
CIRCUIT
V-TO-I
16kΩ
Figure 24. RMS Core Block Diagram
Table 5. General AC Parameters
Waveform Type (1 V Peak)
Crest Factor
RMS Value
Reading of an Average Value Circuit
Calibrated to an RMS Sine Wave
Error (%)
Sine
1.414
0.707
0.707
0
Square
1.00
1.00
1.11
11.0
Triangle
1.73
0.577
0.555
−3.8
Noise
3
0.333
0.295
Rectangular
2
0.5
0.278
−11.4
Pulse
10
0.1
0.011
−44
SCR
−89
DC = 50%
2
0.495
0.354
−28
DC = 25%
4.7
0.212
0.150
−30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com