Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8436ACPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8436ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8436
Data Sheet
Rev. B | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, ±VS = ±5 V, CAVG = 10 µF, 1 kHz sine wave, unless otherwise indicated.
1V
100
1k
FREQUENCY (Hz)
100k
10k
10mV
5V
100µV
100mV
1mV
5M
1M
50
50µV
−3dB BW
Figure 5. RMS Core Frequency Response (See Figure 21)
−3dB BW
VS = ±2.4V
1V
100
1k
FREQUENCY (Hz)
100k
10k
10mV
5V
100µV
100mV
1mV
5M
1M
50
50µV
Figure 6. RMS Core Frequency Response with VS = ±2.4 V (See Figure 21)
−3dB BW
VS = ±15V
1V
100
1k
FREQUENCY (Hz)
100k
10k
10mV
5V
100µV
100mV
1mV
5M
1M
50
50µV
Figure 7. RMS Core Frequency Response with VS = ±15 V (See Figure 21)
−3dB BW
VS = 4.8V
1V
100
1k
FREQUENCY (Hz)
100k
10k
10mV
5V
100µV
100mV
1mV
5M
1M
50
50µV
Figure 8. RMS Core Frequency Response with VS = +4.8 V (See Figure 22)
12
100
1k
FREQUENCY (Hz)
100k
10k
0
15
3
9
6
5M
1M
–15
–12
–3
–9
–6
eIN = 3.5mV rms
GAIN = 6dB
GAIN = 0dB
Figure 9. Input Buffer, Small Signal Bandwidth at 0 dB and 6 dB Gain
12
100
1k
FREQUENCY (Hz)
100k
10k
0
15
3
9
6
5M
1M
–15
–12
–3
–9
–6
eIN = 300mV rms
GAIN = 6dB
GAIN = 0dB
Figure 10. Input Buffer, Large Signal Bandwidth at 0 dB and 6 dB Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com