Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1CC40
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1CC40 Datasheet HTML 5Page - STMicroelectronics ST1CC40 Datasheet HTML 6Page - STMicroelectronics ST1CC40 Datasheet HTML 7Page - STMicroelectronics ST1CC40 Datasheet HTML 8Page - STMicroelectronics ST1CC40 Datasheet HTML 9Page - STMicroelectronics ST1CC40 Datasheet HTML 10Page - STMicroelectronics ST1CC40 Datasheet HTML 11Page - STMicroelectronics ST1CC40 Datasheet HTML 12Page - STMicroelectronics ST1CC40 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID18279 Rev 5
9/37
ST1CC40
Functional description
37
5
Functional description
The ST1CC40 device is based on a “peak current mode” architecture with fixed frequency
control. As a consequence, the intersection between the error amplifier output and the
sensed inductor current generates the control signal to drive the power switch.
The main internal blocks shown in the block diagram in Figure 3 are:
High-side and low-side embedded power element for synchronous rectification
A fully integrated sawtooth oscillator with a typical frequency of 850 kHz
A transconductance error amplifier
A high-side current sense amplifier to track the inductor current
A pulse width modulator (PWM) comparator and the circuitry necessary to drive the
internal power element
The soft-start circuitry to decrease the inrush current at power-up
The current limitation circuit based on the pulse-by-pulse current protection with
frequency divider
The inhibit circuitry
The thermal protection function circuitry
Figure 3. ST1CC40 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com