Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST1CC40
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST1CC40 Datasheet HTML 11Page - STMicroelectronics ST1CC40 Datasheet HTML 12Page - STMicroelectronics ST1CC40 Datasheet HTML 13Page - STMicroelectronics ST1CC40 Datasheet HTML 14Page - STMicroelectronics ST1CC40 Datasheet HTML 15Page - STMicroelectronics ST1CC40 Datasheet HTML 16Page - STMicroelectronics ST1CC40 Datasheet HTML 17Page - STMicroelectronics ST1CC40 Datasheet HTML 18Page - STMicroelectronics ST1CC40 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
DocID18279 Rev 5
15/37
ST1CC40
Application notes
37
The embedded compensation network is RC = 70 K, CC = 195 pF while CP and CO can be
considered as negligible. The error amplifier output resistance is 240 M
so the relevant
singularities are:
Equation 12
6.4
LED small signal model
Once the system reaches the working condition the LEDs composing the row are biased
and their equivalent circuit can be considered as a resistor for frequencies << 1 MHz.
The LED manufacturer typically provides the equivalent dynamic resistance of the LED
biased at different DC current. This parameter is required to study the behavior of the
system in the small signal analysis.
For instance, the equivalent dynamic resistance of Luxeon III Star from Lumiled measured
with a different biasing current level is reported below:
In case the LED datasheet doesn’t report the equivalent resistor value, it can be simply
derived as the tangent to the diode I-V characteristic in the present working point (see
Figure 7).
Figure 7. Equivalent series resistor
fZ
11 6 kHz
=
fP LF
34 Hz
=
rLED
1,3
ILED 350mA
=
0,9
ILED 700mA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com