Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST1CC40
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST1CC40 Datasheet HTML 16Page - STMicroelectronics ST1CC40 Datasheet HTML 17Page - STMicroelectronics ST1CC40 Datasheet HTML 18Page - STMicroelectronics ST1CC40 Datasheet HTML 19Page - STMicroelectronics ST1CC40 Datasheet HTML 20Page - STMicroelectronics ST1CC40 Datasheet HTML 21Page - STMicroelectronics ST1CC40 Datasheet HTML 22Page - STMicroelectronics ST1CC40 Datasheet HTML 23Page - STMicroelectronics ST1CC40 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Application information
ST1CC40
20/37
DocID18279 Rev 5
7
Application information
7.1
Component selection
7.1.1
Sensing resistor
In closed loop operation the ST1CC40 feedback pin voltage is 100 mV so the sensing
resistor calculation is expressed as:
Equation 18
Since the main loop (see Section 6.1) regulates the sensing resistor voltage drop, the
average current is regulated into the LEDs. The integration period is at minimum 5 * TSW
since the system bandwidth can be dimensioned up to FSW/5 at maximum.
The system performs the output current regulation over a period which is at least five times
longer than the switching frequency. The output current regulation neglects the ripple
current contribution and its reliance on external parameters like input voltage and output
voltage variations (line transient and LED forward voltage spread). This performance can
not be achieved with simpler regulation loops like a hysteretic control.
For the same reason the switching frequency is constant over the application conditions,
that helps to tune the EMI filtering and to guarantee the maximum LED current ripple
specifications in the application range. This performance cannot be achieved using constant
on/off-time architecture.
7.1.2
Inductor and output capacitor selection
The output capacitor filters the inductor current ripple that, given the application conditions,
depends on the inductor value. As a consequence, the LED current ripple, that is the main
specification for a switching current source, depends on the inductor and output capacitor
selection.
Figure 12. Equivalent circuit
RS
100 mV
ILED
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com