Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST1CC40
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST1CC40 Datasheet HTML 20Page - STMicroelectronics ST1CC40 Datasheet HTML 21Page - STMicroelectronics ST1CC40 Datasheet HTML 22Page - STMicroelectronics ST1CC40 Datasheet HTML 23Page - STMicroelectronics ST1CC40 Datasheet HTML 24Page - STMicroelectronics ST1CC40 Datasheet HTML 25Page - STMicroelectronics ST1CC40 Datasheet HTML 26Page - STMicroelectronics ST1CC40 Datasheet HTML 27Page - STMicroelectronics ST1CC40 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Application information
ST1CC40
24/37
DocID18279 Rev 5
To increase the design noise immunity, different signal and power ground should be
implemented in the layout (see Section 7.5: Application circuit). The signal ground serves
the small signal components, the device analog ground pin, the exposed pad and a small
filtering capacitor connected to the VINA pin. The power ground serves the device ground
pin and the input filter. The different grounds are connected underneath the output capacitor.
Neglecting the current ripple contribution, the current flowing through this component is
constant during the switching activity and so this is the cleanest ground point of the buck
application circuit.
Figure 13. Layout example
7.3
Thermal considerations
The dissipated power of the device is tied to three different sources:
Conduction losses due to the RDS(on), which are equal to:
Equation 28
where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT (nLED VLED + 100 mV) and VIN, but in practice it is substantially
higher than this value to compensate for the losses in the overall application. For this
reason, the conduction losses related to the RDS(on) increase compared to an ideal case.
PON
RRDSON_HS IOUT

2 D
=
POFF
RRDSON_LS IOUT

2
1D
–

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com