Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1CC40 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST1CC40
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST1CC40 Datasheet HTML 17Page - STMicroelectronics ST1CC40 Datasheet HTML 18Page - STMicroelectronics ST1CC40 Datasheet HTML 19Page - STMicroelectronics ST1CC40 Datasheet HTML 20Page - STMicroelectronics ST1CC40 Datasheet HTML 21Page - STMicroelectronics ST1CC40 Datasheet HTML 22Page - STMicroelectronics ST1CC40 Datasheet HTML 23Page - STMicroelectronics ST1CC40 Datasheet HTML 24Page - STMicroelectronics ST1CC40 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
DocID18279 Rev 5
21/37
ST1CC40
Application information
37
The LED ripple current can be calculated as the inductor ripple current ratio flowing into the
output impedance using the Laplace transform (see Figure 11):
Equation 19
where the term 8/
2 represents the main harmonic of the inductor current ripple (which has
a triangular shape) and
IL is the inductor current ripple.
Equation 20
so L value can be calculated as:
Equation 21
where TOFF is the off-time of the embedded high switch, given by 1-D.
As a consequence, the lower the inductor value (so the higher the current ripple), the higher
the COUT value would be to meet the specifications.
A general rule to dimension L value is:
Equation 22
Finally the required output capacitor value can be calculated equalizing the LED current
ripple specification with the module of the Fourier transformer (see Equation 19) calculated
at FSW frequency.
Equation 23
Example (see Section : Example):
VIN = 12 V, ILED = 700 mA, ILED/ILED = 2%, VFW_LED = 3.5 V, nLED = 2
The output capacitor value must be dimensioned according to Equation 23.
Finally, given the selected inductor value, a 2.2 µF ceramic capacitor value keeps the LED
current ripple ratio lower than 2% of the nominal current. An output ceramic capacitor type
(negligible ESR) is suggested to minimize the ripple contribution given a fixed capacitor
value.
IRIPPLE s

8
2
------
I
L
1 s ESR COUT

+


1s
RS ESR nLED RLED
++
 C
OUT

+
-----------------------------------------------------------------------------------------------------------
=
I
L
VOUT
L
-------------- TOFF
nLED VFW_LED 100mV
+
L
------------------------------------------------------------------ TOFF
==
L
nLED VFW_LED 100mV
+
I
L
------------------------------------------------------------------ TOFF
nLED VFW_LED 100mV
+
I
L
------------------------------------------------------------------
1
nLED VFW_LED 100mV
+
VIN
------------------------------------------------------------------
–


==
I
L
ILED
-----------
0,5
IRIPPLE s=j 

IRIPPLE_SPEC
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com