Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSUMB Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C128CSSUMB
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSUMB Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C128CSSUMB Datasheet HTML 1Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 2Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 3Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 4Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 5Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 6Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 7Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 8Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
8734B–SEEPR–9/2012
Features
Low-voltage and standard-voltage operation
VCC = 1.7V to 5.5V
Internally organized as 16,384 x 8
2-wire serial interface
Schmitt Trigger, filtered inputs for noise suppression
Bidirectional data transfer protocol
400kHz (1.7V) and 1MHz (2.5V, 2.7V, 5.0V) compatibility
Write Protect pin for hardware protection
64-byte page write mode
Partial page writes allowed
Self-timed write cycle (5ms max)
High reliability
Endurance: 1,000,000 write cycles
Data retention: 40 years
Lead-free/Halogen-free devices available
Green package options (Pb/Halide-free/RoHS compliant)
8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, 8-pad XDFN, and
8-ball VFBGA packages
Die sale options: wafer form, waffle pack, and bumped wafers
Description
The Atmel® AT24C128C provides 131,072-bits of Serial Electrically Erasable and
Programmable Read-Only Memory (EEPROM) organized as 16,384 words of eight bits
each. The device’s cascading feature allows up to eight devices to share a common
2-wire bus. The device is optimized for use in many industrial and commercial
applications where low-power and low-voltage operation are essential. The devices are
available in space-saving 8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN,
8-pad XDFN, and 8-ball VFBGA packages. In addition, this device operates from
1.7V to 5.5V.
Atmel AT24C128C
I2C-Compatible (2-Wire) Serial EEPROM
128-Kbit (16,384 x 8)
DATASHEET


Similar Part No. - AT24C128CSSUMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
AT24C128C1-10CC ATMEL-AT24C128C1-10CC Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT24C128C1-10CC-1.8 ATMEL-AT24C128C1-10CC-1.8 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT24C128C1-10CC-2.7 ATMEL-AT24C128C1-10CC-2.7 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT24C128C1-10CI ATMEL-AT24C128C1-10CI Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
More results

Similar Description - AT24C128CSSUMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
I2C-Compatible (2-wire) Serial EEPROM
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
I2C-Compatible, (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24CM02 ATMEL-AT24CM02 Datasheet
1Mb / 24P
I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com