Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSUMB Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT24C128CSSUMB
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSUMB Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT24C128CSSUMB Datasheet HTML 14Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 15Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 16Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 17Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 18Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 19Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 20Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 21Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
13.5 8U2-1 — 8-ball VFBGA
DRAWING NO.
REV.
TITLE
GPC
Package Drawing Contact:
packagedrawings@atmel.com
8U2-1
F
3/20/12
8U2-1, 8-ball, 2.35 x 3.73 mm Body, 0.75 mm pitch,
VFBGA Package
GWW
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.81
0.91
1.00
A1
0.15
0.20
0.25
A2
0.40
0.45
0.50
b
0.25
0.30
0.35
D
2.35 BSC
E
3.73 BSC
e
0.75 BSC
e1
0.74 REF
d
0.75 BSC
d1
0.80 REF
2. Dimension 'b' is measured at the maximum solder ball diameter.
1. This drawing is for general information.
3. Solder ball composition shall be 95.5Sn-4.0Ag-.5Cu.
Notes:
A
d 0.08 C
C
f 0.10 C
A1
A2
Øb
j n0.15 m CA B
j n0.08 m C
A
(4X)
d 0.10
B
A1 BALL
PAD
CORNER
D
E
SIDE VIEW
TOP VIEW
e
(e1)
d
21
D
C
B
A
A1 BALL PAD CORNER
(d1)
8 SOLDER BALLS
BOTTOM VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com