Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSUMB Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT24C128CSSUMB
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSUMB Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT24C128CSSUMB Datasheet HTML 9Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 10Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 11Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 12Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 13Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 14Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 15Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 16Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
10.
Ordering Code Detail
Atmel Designator
Product Family
Device Density
Device Revision
Shipping Carrier Option
Operating Voltage
Package Option
128 = 128K
24C = Standard I2C Serial EEPROM
B
= Bulk (tubes)
T
= Tape and reel
M
= 1.7V to 5.5V
SS = JEDEC SOIC
X
= TSSOP
MA = UDFN
ME = XDFN
C
= VFBGA
WWU = Wafer Unsawn
WDT = Die in Tape and Reel
Package Device Grade or
Wafer/Die Thickness
H
= Green, NiPdAu Lead Finish,
Industrial Temperature Range
(-40°C to +85°C)
U
= Green, Matte Sn Lead Finish,
Industrial Temperature Range
(-40°C to +85°C)
11 = 11mil wafer thickness
A T24C128C-SSHM-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com