Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSUMB Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT24C128CSSUMB
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSUMB Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT24C128CSSUMB Datasheet HTML 11Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 12Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 13Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 14Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 15Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 16Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 17Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 18Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
12.
Ordering Codes
12.1 Atmel AT24C128C Ordering Information
Notes: 1. Bulk delivery in tubes:
SOIC and TSSOP = 100 per tube
2. Tape and reel delivery:
SOIC = 4k per reel
TSSOP, UDFN, XDFN, and VFBGA = 5k per reel
3. Contact Atmel Sales for Wafer sales.
Ordering Code
Package
Voltage
Operating Range
AT24C128C-SSHM-B(1)
8S1
1.7V to 5.5V
Lead-free/Halogen-free
Industrial Temperature
(−40°C to 85°C)
AT24C128C-SSHM-T(2)
AT24C128C-XHM-B(1)
8X
AT24C128C-XHM-T(2)
AT24C128C-MAHM-T(2)
8MA2
AT24C128C-MEHM-T(2)
8ME1
AT24C128C-CUM-T(2)
8U2-1
AT24C128C-WWU11M(3)
Wafer Sale
1.7V to 5.5V
Industrial Temperature
(−40°C to 85°C)
Package Type
8S1
8-lead, 0.150” wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8X
8-lead, 4.40mm body, Plastic Thin Shrink Small Outline Package (TSSOP)
8MA2
8-pad, 2.00mm x 3.00mm body, 0.50mm pitch, Dual No Lead Package (UDFN)
8ME1
8-pad, 1.80mm x 2.20mm body, Extra Thin DFN Package (XDFN)
8U2-1
8-ball, Die Ball Grid Array Package (VFBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com