Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSUMB Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT24C128CSSUMB
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSUMB Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT24C128CSSUMB Datasheet HTML 14Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 15Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 16Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 17Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 18Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 19Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 20Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 21Page - ATMEL Corporation AT24C128CSSUMB Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
13.4 8ME1 — 8-pad XDFN
Package Drawing Contact:
packagedrawings@atmel.com
GPC
DRAWING NO.
REV.
TITLE
COMMON DIMENSIONS
(Unit of Measure = mm)
DTP
SYMBOL
MIN
NOM
MAX
NOTE
–
0.00
1.70
2.10
0.15
0.26
A
A1
D
E
b
e
e1
L
–
–
1.80
2.20
0.20
0.40 TYP
1.20 REF
0.30
0.40
0.05
1.90
2.30
0.25
0.35
End View
8ME1
B
9/10/2012
8ME1, 8-pad (1.80mm x 2.20mm body) Extra Thin DFN
(XDFN)
Top View
6
5
7
4
3
E
D
8
1
2
PIN #1 ID
0.10
0.15
b
L
b
e
PIN #1 ID
e1
A1
A
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com