Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53IEC Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
32
Freescale Semiconductor
Electrical Characteristics
4.3.5
LVDS I/O DC Parameters
The LVDS interface complies with TIA/EIA 644-A standard. See TIA/EIA STANDARD 644-A,
“Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits” for details.
Table 16 shows the Low Voltage Differential Signaling (LVDS) DC electrical characteristics. The
parameters in Table 16 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
4.4
Output Buffer Impedance Characteristics
This section defines the I/O Impedance parameters of the i.MX53 processor for the following I/O types:
•
General Purpose I/O (GPIO)
•
Double Data Rate 3 I/O (DDR3) for DDR2/LVDDR2, LPDDR2, and DDR3 modes
•
Ultra High Voltage I/O (UHVIO)
•
LVDS I/O
NOTE
Output driver impedance is measured with “long” transmission line of
impedance Ztl attached to I/O pad and incident wave launched into
transmission lime. Rpu/Rpd and Ztl form a voltage divider that defines
specific voltage of incident wave relative to OVDD. Output driver
impedance is calculated from this voltage divider (see Figure 4).
Table 16. LVDS DC Electrical Characteristics
DC Electrical Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Differential Voltage
VOD
Rload = 100
Ω between
padP and padN
250
350
450
mV
Output High Voltage
VOH
1.25
1.375
1.6
V
Output Low Voltage
VOL
0.9
1.025
1.25
Offset Voltage
VOS
1.125
1.2
1.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com