Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53IEC Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
46
Freescale Semiconductor
Electrical Characteristics
Lower frequency operation can be supported for most available devices in
the market, relying on data lines Bus-Keeper logic. This depends on device
behavior on the data bus in the time interval between data output valid to
data output high-Z state. In NAND device parameters this period is marked
between trhoh and trhz (RE_B high to output high-Z). In most devices, the
data transition from valid value to high-Z occurs without going through
other states. Setting the data bus pads to Bus-Keeper mode in the IOMUXC
registers, keeps the data bus valid internally after the specified hold time,
allowing proper capturing with slower clock.
Figure 10. Command Latch Cycle Timing
Figure 11. Address Latch Cycle Timing
NFCLE
NFCE_B
NFWE_B
NFIO[7:0]
command
NF9
NF8
NF1
NF2
NF5
NF3
NF4
NFCE_B
NFWE_B
NFALE
NFIO[7:0]
Address
NF9
NF8
NF5
NF3
NF4
NF6
NF11
NF10
NF7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com