Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53IEC Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
63
Figure 29 and Table 41 show the address and control timing parameters for LPDDR2.
Figure 29. DDR SDRAM Address and Control Timing Parameters for LPDDR2
Figure 30 and Table 42 show the data write timing parameters.
Figure 30. DDR SDRAM Data Write Cycle
Table 41. DDR SDRAM Timing Parameter Table for LPDDR21 2
1 All timings are refer to Vref level cross point.
2
Reference load model is 25
Ω resistor from each of the DDR outputs to VDD_REF.
ID
Parameter
Symbol
SDCLK = 400 MHz
Units
Min
Max
LP1
SDRAM clock high-level width
tCH
0.45
0.55
tCK
LP2
SDRAM clock low-level width
tCL
0.45
0.55
tCK
LP3
CS, CKE setup time
tIS
0.3
—
ns
LP4
CS, CKE hold time
tIH
0.3
—
ns
LP3
CA setup time
tIS
0.3
—
ns
LP4
CA hold time
tIH
0.3
—
ns
CK
CS
CKE
CA
LP4
LP4
LP3
LP4
LP3
LP2
LP3
LP3
LP1
SDCLK
SDCLK_B
DQS (output)
DQ (output)
DQM (output)
Data
Data
Data
Data
Data
Data
Data
Data
DM
DM
DM
DM
DM
DM
DM
DM
DDR17
DDR17
DDR17
DDR17
DDR18
DDR18
DDR18
DDR18
DDR21
DDR23
DDR22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com