Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53IEC Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
49
Table 35. NFC—Timing Characteristics
ID
Parameter
Symbol
Asymmetric Mode Min
Symmetric Mode
Min
Max
NF1
NFCLE setup Time
tCLS
2T + 0.1
2T + 0.1
—
NF2
NFCLE Hold Time
tCLH
T - 4.45
T - 4.45
—
NF31
1 In case of NUM_OF_DEVICES is greater than 0 (for example, interleaved mode), then only during the data phase of
symmetric mode the setup time will equal 1.5T + 0.95.
NFCE_B Setup Time
tCS
3T+0.95
3T+0.95
—
NF4
NFCE_B Hold Time
tCH
2T-5.55
1.5T-5.55
—
NF5
NFWE_B Pulse Width
tWP
T- 1.4
0.5T- 1.4
—
NF6
NFALE Setup Time
tALS
2T + 0.1
2T + 0.1
—
NF7
NFALE Hold Time
tALH
T - 4.45
T - 4.45
—
NF8
Data Setup Time
tDS
T- 0.9
0.5T- 0.9
—
NF9
Data Hold Time
tDH
T - 5.55
0.5T - 5.55
—
NF10
Write Cycle Time
tWC
2T
T-0.5
—
NF11
NFWE_B Hold Time
tWH
T - 1.15
0.5T - 1.15
—
NF12
Ready to NFRE_B Low
tRR
9T + 8.9
9T + 8.9
—
NF13
NFRE_B Pulse Width
tRP
1.5T
0.5T-1
—
NF14
READ Cycle Time
tRC
2T
T
—
NF15
NFRE_B High Hold Time
tREH
0.5T - 1.15
0.5T - 1.15
—
NF162
2 tDSR is calculated by the following formula:
Asymmetric mode:
tDSR = tREpd + tDpd + 1/2T - Tdl
3
Symmetric mode:
tDSR = tREpd + tDpd - Tdl3
tREpd + tDpd = 11.2 ns (including clock skew)
where tREpd is RE propogation delay in the chip including I/O pad delay, and tDpd is Data propogation delay from I/O pad to
EXTMC including I/O pad delay.
tDSR can be used to determine tREA max parameter with the following formula: tREA = 1.5T - tDSR.
Data Setup on READ
tDSR
11.2 + 0.5T - Tdl3
3 Tdl is composed of 4 delay-line units each generates an equal delay with min 1.25 ns and max 1 aclk period (Taclk). Default
is 1/4 aclk period for each delay-line unit, so all 4 delay lines together generates a total of 1 aclk period. Taclk is
“emi_slow_clk” of the system, which default value is 7.5 ns (133 MHz).
11.2 - Tdl3
—
NF174
Data Hold on READ
tDHR
0—
2Taclk +T
NF185
Data Hold on READ
tDHR
—Tdl3 - 11.2
2Taclk +T
NF19
CLE to RE delay
tCLR
9T
9T
—
NF20
CE to RE delay
tCRE
T - 3.45
T - 3.45
T + 0.3
NF21
WE high to RE low
tWHR
10.5T
10.5T
—
NF22
WE high to busy
tWB
——
6T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com