Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53IEC Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
72
Freescale Semiconductor
Electrical Characteristics
4.7.4
Enhanced Secured Digital Host Controller(eSDHCv2/v3) AC timing
This section describes the electrical information of the eSDHCv2/v3, which includes SD/eMMC4.3
(Single Data Rate) timing and eMMC4.4 (Dual Date Rate) timing.
4.7.4.1
SD/eMMC4.3 (Single Data Rate) AC Timing
Figure 36 depicts the timing of SD/eMMC4.3, and Table 49 lists the SD/eMMC4.3 timing characteristics.
Figure 36. SD/eMMC4.3 Timing
Table 49. SD/eMMC4.3 Interface Timing Specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (Low Speed)
fPP
1
0400
kHz
Clock Frequency (SD/SDIO Full Speed/High Speed)
fPP
2
0
25/50
MHz
Clock Frequency (MMC Full Speed/High Speed)
fPP
3
0
20/52
MHz
Clock Frequency (Identification Mode)
fOD
100
400
kHz
SD2
Clock Low Time
tWL
7—
ns
SD3
Clock High Time
tWH
7—
ns
SD4
Clock Rise Time
tTLH
—3
ns
SD5
Clock Fall Time
tTHL
—3
ns
eSDHC Output/Card Inputs CMD, DAT (Reference to CLK)
SD6
eSDHCv2 Output Delay (port 1, 2, and 4)
tOD
-3.5
3.5
ns
eSDHCv3 Output Delay (port 3)
tOD
-4.5
4.5
ns
SD1
SD3
SD5
SD4
SD7
CMD
output from eSDHCv2 to card
DAT1
......
DAT7
DAT0
CMD
input from card to eSDHCv2
DAT1
......
DAT7
DAT0
SCK
SD2
SD8
SD6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com