Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8629ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8629ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD8629ARMZ Datasheet HTML 1Page - Analog Devices AD8629ARMZ Datasheet HTML 2Page - Analog Devices AD8629ARMZ Datasheet HTML 3Page - Analog Devices AD8629ARMZ Datasheet HTML 4Page - Analog Devices AD8629ARMZ Datasheet HTML 5Page - Analog Devices AD8629ARMZ Datasheet HTML 6Page - Analog Devices AD8629ARMZ Datasheet HTML 7Page - Analog Devices AD8629ARMZ Datasheet HTML 8Page - Analog Devices AD8629ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 4 of 24
ELECTRICAL CHARACTERISTICS—VS = 2.7 V
VS = 2.7 V, VCM = 1.35 V, VO = 1.4 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
5
μV
−40°C ≤ TA ≤ +125°C
10
μV
Input Bias Current
IB
AD8628/AD8629
30
100
pA
AD8630
100
300
pA
−40°C ≤ TA ≤ +125°C
1.0
1.5
nA
Input Offset Current
IOS
50
200
pA
−40°C ≤ TA ≤ +125°C
250
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.7 V
115
130
dB
−40°C ≤ TA ≤ +125°C
110
120
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.3 V to 2.4 V
110
140
dB
−40°C ≤ TA ≤ +125°C
105
130
dB
Offset Voltage Drift
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
0.002
0.02
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to ground
2.68
2.695
V
−40°C ≤ TA ≤ +125°C
2.68
2.695
V
RL = 10 kΩ to ground
2.67
2.68
V
−40°C ≤ TA ≤ +125°C
2.67
2.675
V
Output Voltage Low
VOL
RL = 100 kΩ to V+
1
5
mV
−40°C ≤ TA ≤ +125°C
2
5
mV
RL = 10 kΩ to V+
10
20
mV
−40°C ≤ TA ≤ +125°C
15
20
mV
Short-Circuit Limit
ISC
±10
±15
mA
−40°C ≤ TA ≤ +125°C
±10
mA
Output Current
IO
±10
mA
−40°C ≤ TA ≤ +125°C
±5
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V, −40°C ≤ TA ≤ +125°C
115
130
dB
Supply Current per Amplifier
ISY
VO = VS/2
0.75
1.0
mA
−40°C ≤ TA ≤ +125°C
0.9
1.2
mA
INPUT CAPACITANCE
CIN
Differential
1.5
pF
Common Mode
8.0
pF
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
1
V/μs
Overload Recovery Time
0.05
ms
Gain Bandwidth Product
GBP
2
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.5
μV p-p
Voltage Noise Density
en
f = 1 kHz
22
nV/√Hz
Current Noise Density
in
f = 10 Hz
5
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com