Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8629ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8629ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8629ARMZ Datasheet HTML 1Page - Analog Devices AD8629ARMZ Datasheet HTML 2Page - Analog Devices AD8629ARMZ Datasheet HTML 3Page - Analog Devices AD8629ARMZ Datasheet HTML 4Page - Analog Devices AD8629ARMZ Datasheet HTML 5Page - Analog Devices AD8629ARMZ Datasheet HTML 6Page - Analog Devices AD8629ARMZ Datasheet HTML 7Page - Analog Devices AD8629ARMZ Datasheet HTML 8Page - Analog Devices AD8629ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Zero-Drift, Single-Supply, Rail-to-Rail
Input/Output Operational Amplifier
AD8628/AD8629/AD8630
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Lowest auto-zero amplifier noise
Low offset voltage: 1 μV
Input offset drift: 0.002 μV/°C
Rail-to-rail input and output swing
5 V single-supply operation
High gain, CMRR, and PSRR: 130 dB
Very low input bias current: 100 pA maximum
Low supply current: 1.0 mA
Overload recovery time: 50 μs
No external components required
Qualified for automotive applications
APPLICATIONS
Automotive sensors
Pressure and position sensors
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
Precision current sensing
Photodiode amplifiers
GENERAL DESCRIPTION
This amplifier has ultralow offset, drift, and bias current.
The AD8628/AD8629/AD8630 are wide bandwidth auto-zero
amplifiers featuring rail-to-rail input and output swing and low
noise. Operation is fully specified from 2.7 V to 5 V single supply
(±1.35 V to ±2.5 V dual supply).
The AD8628/AD8629/AD8630 provide benefits previously
found only in expensive auto-zeroing or chopper-stabilized
amplifiers. Using Analog Devices, Inc., topology, these zero-
drift amplifiers combine low cost with high accuracy and low
noise. No external capacitor is required. In addition, the AD8628/
AD8629/AD8630 greatly reduce the digital switching noise
found in most chopper-stabilized amplifiers.
With an offset voltage of only 1 μV, drift of less than 0.005 μV/°C,
and noise of only 0.5 μV p-p (0 Hz to 10 Hz), the AD8628/
AD8629/AD8630 are suited for applications where error
sources cannot be tolerated. Position and pressure sensors,
medical equipment, and strain gage amplifiers benefit greatly
from nearly zero drift over their operating temperature range.
Many systems can take advantage of the rail-to-rail input and
output swings provided by the AD8628/AD8629/AD8630 to
reduce input biasing complexity and maximize SNR.
PIN CONFIGURATIONS
OUT 1
V– 2
+IN 3
V+
5
–IN
4
AD8628
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead TSOT (UJ-5) and 5-Lead SOT-23 (RJ-5)
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8628
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC_N (R-8)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8629
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC_N (R-8) and 8-Lead MSOP (RM-8)
1
–IN A 2
+IN A 3
V+ 4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B
OUT A
7
OUT C
8
AD8630
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead SOIC_N (R-14) and 14-Lead TSSOP (RU-14)
The AD8628/AD8629/AD8630 are specified for the extended
industrial temperature range (−40°C to +125°C). The AD8628
is available in tiny 5-lead TSOT, 5-lead SOT-23, and 8-lead
narrow SOIC plastic packages. The AD8629 is available in the
standard 8-lead narrow SOIC and MSOP plastic packages. The
AD8630 quad amplifier is available in 14-lead narrow SOIC and
14-lead TSSOP plastic packages. See the Ordering Guide for
automotive grades.


Similar Part No. - AD8629ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8629ARMZ AD-AD8629ARMZ Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8629ARMZ AD-AD8629ARMZ Datasheet
1Mb / 21P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. M
AD8629ARMZ-R2 AD-AD8629ARMZ-R2 Datasheet
476Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
10/04-Data Sheet Changed from Rev. B to Rev. C
AD8629ARMZ-R2 AD-AD8629ARMZ-R2 Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
AD8629ARMZ-R2 AD-AD8629ARMZ-R2 Datasheet
432Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
More results

Similar Description - AD8629ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8629 AD-AD8629 Datasheet
476Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
10/04-Data Sheet Changed from Rev. B to Rev. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
AD8628 AD-AD8628_08 Datasheet
432Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8629S AD-AD8629S Datasheet
138Kb / 8P
Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Rev. C
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
27-Sep-2017
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8629-EP AD-AD8629-EP Datasheet
252Kb / 8P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com