Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8629ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8629ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8629ARMZ Datasheet HTML 1Page - Analog Devices AD8629ARMZ Datasheet HTML 2Page - Analog Devices AD8629ARMZ Datasheet HTML 3Page - Analog Devices AD8629ARMZ Datasheet HTML 4Page - Analog Devices AD8629ARMZ Datasheet HTML 5Page - Analog Devices AD8629ARMZ Datasheet HTML 6Page - Analog Devices AD8629ARMZ Datasheet HTML 7Page - Analog Devices AD8629ARMZ Datasheet HTML 8Page - Analog Devices AD8629ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND – 0.3 V to VS + 0.3 V
Differential Input Voltage1
±5.0 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
ESD AD8628
HBM 8-Lead SOIC
±7000V
FICDM 8-Lead SOIC
±1500V
FICDM 5-Lead TSOT
±1000V
MM 8-Lead SOIC
±200V
ESD AD8629
HBM 8-Lead SOIC
±4000V
FICDM 8-Lead SOIC
±1000V
ESD AD8630
HBM 14-Lead SOIC
±5000V
FICDM 14-Lead SOIC
±1500V
FICDM 14-Lead TSSOP
±1500V
MM 14-Lead SOIC
±200V
1 Differential input voltage is limited to ±5 V or the supply voltage, whichever
is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for worst-case conditions, that is, θJA is specified
for the device soldered in a circuit board for surface-mount
packages. This was measured using a standard two-layer board.
Table 4.
Package Type
θJA
θJC
Unit
5-Lead TSOT (UJ-5)
207
61
°C/W
5-Lead SOT-23 (RJ-5)
230
146
°C/W
8-Lead SOIC_N (R-8)
158
43
°C/W
8-Lead MSOP (RM-8)
190
44
°C/W
14-Lead SOIC_N (R-14)
105
43
°C/W
14-Lead TSSOP (RU-14)
148
23
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com