Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8629ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8629ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8629ARMZ Datasheet HTML 2Page - Analog Devices AD8629ARMZ Datasheet HTML 3Page - Analog Devices AD8629ARMZ Datasheet HTML 4Page - Analog Devices AD8629ARMZ Datasheet HTML 5Page - Analog Devices AD8629ARMZ Datasheet HTML 6Page - Analog Devices AD8629ARMZ Datasheet HTML 7Page - Analog Devices AD8629ARMZ Datasheet HTML 8Page - Analog Devices AD8629ARMZ Datasheet HTML 9Page - Analog Devices AD8629ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (µV)
180
160
140
120
100
80
60
40
20
0
–2.5
–1.5
–0.5
0.5
1.5
2.5
VS = 2.7V
TA = 25°C
Figure 5. Input Offset Voltage Distribution
+85°C
+25°C
–40°C
VS = 5V
INPUT COMMON-MODE VOLTAGE (V)
60
40
50
30
10
20
0
012
3
4
5
6
Figure 6. AD8628 Input Bias Current vs. Input Common-Mode Voltage
150°C
125°C
INPUT COMMON-MODE VOLTAGE (V)
1500
500
1000
0
–1000
–500
–1500
012
3
4
5
6
VS = 5V
Figure 7. AD8628 Input Bias Current vs. Input Common-Mode Voltage
INPUT OFFSET VOLTAGE (µV)
100
80
90
60
70
40
50
10
20
30
0
–2.5
–1.5
–0.5
0.5
1.5
2.5
VS = 5V
VCM = 2.5V
TA = 25°C
Figure 8. Input Offset Voltage Distribution
VS = 5V
TA = –40°C TO +125°C
TCVOS (nV/°C)
7
6
5
4
3
2
1
0
0
2
4
68
10
Figure 9. Input Offset Voltage Drift
LOAD CURRENT (mA)
1k
100
10
1
0.1
0.01
0.0001
0.001
0.1
0.01
1
10
VS = 5V
TA = 25°C
SOURCE
SINK
Figure 10. Output Voltage to Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com