Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8629ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8629ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8629ARMZ Datasheet HTML 4Page - Analog Devices AD8629ARMZ Datasheet HTML 5Page - Analog Devices AD8629ARMZ Datasheet HTML 6Page - Analog Devices AD8629ARMZ Datasheet HTML 7Page - Analog Devices AD8629ARMZ Datasheet HTML 8Page - Analog Devices AD8629ARMZ Datasheet HTML 9Page - Analog Devices AD8629ARMZ Datasheet HTML 10Page - Analog Devices AD8629ARMZ Datasheet HTML 11Page - Analog Devices AD8629ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 8 of 24
FREQUENCY (Hz)
70
60
50
40
30
20
0
–10
–20
10
–30
1k
10k
100k
1M
10M
VS = 2.7V
CL = 20pF
RL = 2kΩ
AV = 100
AV = 10
AV = 1
Figure 17. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
70
60
50
40
30
20
0
–10
–20
10
–30
1k
10k
100k
1M
10M
VS = 5V
CL = 20pF
RL = 2kΩ
AV = 100
AV = 10
AV = 1
Figure 18. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
300
270
240
210
180
150
90
60
30
120
0
100
1k
10k
100k
1M
10M
100M
AV = 100
AV = 10
AV = 1
VS = 2.7V
Figure 19. Output Impedance vs. Frequency
FREQUENCY (Hz)
300
270
240
210
180
150
90
60
30
120
0
100
1k
10k
100k
1M
10M
100M
AV = 100
AV = 1
AV = 10
VS = 5V
Figure 20. Output Impedance vs. Frequency
VS = ±1.35V
CL = 300pF
RL = ∞
AV = 1
TIME (4µs/DIV)
0V
Figure 21. Large Signal Transient Response
VS = ±2.5V
CL = 300pF
RL = ∞
AV = 1
TIME (5µs/DIV)
0V
Figure 22. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com