Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP310 Datasheet(PDF) 26 Page - Microchip Technology

Part # 33FJ128GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP310 Datasheet(HTML) 26 Page - Microchip Technology

Back Button 33FJ128GP310 Datasheet HTML 22Page - Microchip Technology 33FJ128GP310 Datasheet HTML 23Page - Microchip Technology 33FJ128GP310 Datasheet HTML 24Page - Microchip Technology 33FJ128GP310 Datasheet HTML 25Page - Microchip Technology 33FJ128GP310 Datasheet HTML 26Page - Microchip Technology 33FJ128GP310 Datasheet HTML 27Page - Microchip Technology 33FJ128GP310 Datasheet HTML 28Page - Microchip Technology 33FJ128GP310 Datasheet HTML 29Page - Microchip Technology 33FJ128GP310 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
dsPIC33F
DS70155C-page 24
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 8-1:
16-BIT TIMER1 MODULE BLOCK DIAGRAM
8.2.2
TIMER2/3
The Timer2/3 module is a 32-bit timer (which can be
configured as two 16-bit timers) with selectable
operating modes. These timers are used by other
peripheral modules, such as:
• Input Capture
• Output Compare/Simple PWM
Timer2/3 has the following modes:
• Two independent 16-bit timers (Timer2 and
Timer3) with Timer and Synchronous Counter
modes
• Single 32-Bit Timer
• Single 32-Bit Synchronous Counter
Further, the following operational characteristics are
supported:
• ADC conversion start trigger
• 32-bit timer gated by external pulse
• Selectable prescaler settings
• Timer counter operation during Idle and Sleep
modes
• Interrupt on a 32-Bit Period register match
• Timer2/3 can use DMA for buffer storage
8.2.3
TIMER4/5, TIMER6/7, TIMER8/9
The Timer4/5, Timer6/7 and Timer8/9 modules are
similar in operation to the Timer2/3 module. Differences
include:
• These modules do not support the ADC event
trigger feature
• These modules can not be used by other
peripheral modules, such as input capture and
output compare
8.3
Motor Control PWM Module
The Motor Control PWM (MCPWM) module simplifies
the task of generating multiple, synchronized pulse-
width modulated outputs. In particular, the following
power and motion control applications are supported:
• Three-Phase AC Induction Motor
• Switched Reluctance (SR) Motor
• Brushless DC (BLDC) Motor
• Uninterrupted Power Supply (UPS)
TON
Sync
SOSCI
SOSCO/
PR1
T1IF
Equal
Comparator x 16
TMR1
Reset
LPOSCEN
Event Flag
1
0
TSYNC
Q
QD
CK
TGATE
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TGATE
TCY
1
0
T1CK
1 x
0 1
0 0
Gate
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com