Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP310 Datasheet(PDF) 57 Page - Microchip Technology

Part # 33FJ128GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP310 Datasheet(HTML) 57 Page - Microchip Technology

Back Button 33FJ128GP310 Datasheet HTML 53Page - Microchip Technology 33FJ128GP310 Datasheet HTML 54Page - Microchip Technology 33FJ128GP310 Datasheet HTML 55Page - Microchip Technology 33FJ128GP310 Datasheet HTML 56Page - Microchip Technology 33FJ128GP310 Datasheet HTML 57Page - Microchip Technology 33FJ128GP310 Datasheet HTML 58Page - Microchip Technology 33FJ128GP310 Datasheet HTML 59Page - Microchip Technology 33FJ128GP310 Datasheet HTML 60Page - Microchip Technology 33FJ128GP310 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 55
dsPIC33F
11.13 Speech Encoding/Decoding
Library
The Speech Encoding/Decoding Library performs toll-
quality voice compression and voice decompression.
The library is based on a modified version of the Speex
speech encoder/decoder source code and features a
16:1 compression ratio. It samples speech at 8 kHz and
compresses it to a data rate of 8 kbps. Storing
compressed
speech
for
playback
requires
approximately 1 KB of memory for each second of
speech. The library is especially suitable for the
following voice-based applications:
• Answering Machines
• Building and Home Safety Systems
•Intercoms
• Smart Appliances
• Voice Recorders
• Walkie-Talkies
• Any Application using Message Playback
A PC-based speech encoder utility program allows you
to create your own encoded speech files for playback.
Encoded speech files are made from either a PC
microphone or existing WAV file. Once you create the
encoded speech files, they are added to your MPLAB
C30 project, just like a regular source file, and built into
your application. The speech encoder utility allows you to
select four target memory areas to store your speech file:
program Flash memory, RAM and external Flash
memory. External Flash memory allows you to store
many minutes of speech (1 minute of speech requires
60 KB) and it is supported through a general purpose I/O
port.
Key features of the Speech Encoding/Decoding Library
include:
• PESQ-based Mean Opinion Score: 3.7-4.2
(out of 5.0)
• Code Excited Linear Prediction (CELP) based
coding
• 2 Analog Input Interfaces – codec or on-chip ADC
• 2 Analog Output Interfaces – codec or
on-chip PWM
• Optional Voice Activity Detection
• Storing compressed speech requires 1 KB of
memory per second of speech
• Royalty-free (only one-time license fee)
• Full compliance with Microchip MPLAB C30
C Compiler Language Tools
•
“dsPIC30F Speech Encoding/Decoding Library
User’s Guide”
• Designed to run on dsPICDEM 1.1 General
Purpose Development Board (DM300014)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com