Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP310 Datasheet(PDF) 51 Page - Microchip Technology

Part # 33FJ128GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP310 Datasheet(HTML) 51 Page - Microchip Technology

Back Button 33FJ128GP310 Datasheet HTML 47Page - Microchip Technology 33FJ128GP310 Datasheet HTML 48Page - Microchip Technology 33FJ128GP310 Datasheet HTML 49Page - Microchip Technology 33FJ128GP310 Datasheet HTML 50Page - Microchip Technology 33FJ128GP310 Datasheet HTML 51Page - Microchip Technology 33FJ128GP310 Datasheet HTML 52Page - Microchip Technology 33FJ128GP310 Datasheet HTML 53Page - Microchip Technology 33FJ128GP310 Datasheet HTML 54Page - Microchip Technology 33FJ128GP310 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 49
dsPIC33F
TABLE 11-4:
FUNCTION EXECUTION TIMES
11.4
dsPICworks™ Data Analysis and
DSP Software
The dsPICworks tool is a free data analysis and signal
processing
package
for
use
with
Microsoft®
Windows® 9x, Windows NT®, Windows 2000 and
Windows XP platforms. It provides an extensive
number of functions encompassing:
• Wide variety of Signal Generators – Sine, Square,
Triangular, Window Functions, Noise
• Extensive DSP Functions – FFT, DCT, Filtering,
Convolution, Interpolation
• Extensive Arithmetic Functions – Algebraic
Expressions, Data Scaling, Clipping, etc.
• 1-D, 2-D and 3-D Displays
• Multiple Data Quantization and Saturation
Options
• Multi-Channel Data Support
• Automatic “Script File”-based Execution Options
available for any user-defined sequence of
dsPICworks Tool Functions
• File Import/Export interoperable with MPLAB IDE
• Digital Filtering Options support Filters generated
by dsPIC DSC Filter Design
• ASM30 Assembler File Option to export Data
Tables into dsPIC33F RAM
FIGURE 11-1:
dsPICworks
™ DATA
ANALYSIS AND DSP
SOFTWARE
Function
Cycle Count
Equation
Conditions(1)
Number of
Cycles(2)
Execution Time @
40 MIPS
Complex FFT(3)
—
N = 64
3739
93.5
μs
Complex FFT(3)
—
N = 128
8485
212.1
μs
Complex FFT(3)
—
N = 256
19055
476.4
μs
Block FIR
53 + N(4 + M)
N = 32, M = 32
1205
30.1
μs
Block FIR Lattice
41 + N(4 + 7M)
N = 32, M = 32
7337
183.4
μs
Block IIR Canonic
36 + N(8 + 7S)
N = 32, S = 4
1188
29.7
μs
Block IIR Lattice
46 + N(16 + 7M)
N = 32, M = 8
2350
58.8
μs
Matrix Add
20 + 3(C * R)
C = 8, R = 8
212
5.3
μs
Matrix Transpose
16 + C(6 + 3(R – 1))
C = 8, R = 8
232
5.8
μs
Vector Dot Product
17 + 3N
N = 32
113
2.8
μs
Vector Max
19 + 7(N – 2)
N = 32
229
5.7
μs
Vector Multiply
17 + 4N
N = 32
145
3.6
μs
Vector Power
16 + 2N
N = 32
80
2.0
μs
Note 1:
C = # columns, N = # samples, M = # taps, S = # sections, R = # rows.
2:
1 cycle = 25 nanoseconds @ 40 MIPS.
3:
Complex FFT routine inherently prevents overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com