Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP310 Datasheet(PDF) 77 Page - Microchip Technology

Part # 33FJ128GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP310 Datasheet(HTML) 77 Page - Microchip Technology

Back Button 33FJ128GP310 Datasheet HTML 73Page - Microchip Technology 33FJ128GP310 Datasheet HTML 74Page - Microchip Technology 33FJ128GP310 Datasheet HTML 75Page - Microchip Technology 33FJ128GP310 Datasheet HTML 76Page - Microchip Technology 33FJ128GP310 Datasheet HTML 77Page - Microchip Technology 33FJ128GP310 Datasheet HTML 78Page - Microchip Technology 33FJ128GP310 Datasheet HTML 79Page - Microchip Technology 33FJ128GP310 Datasheet HTML 80Page - Microchip Technology 33FJ128GP310 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 75
dsPIC33F
MCLR
I/P
ST
Master Clear (Reset) input or programming voltage input. This pin is an active-low
Reset to the device.
OCFA
OCFB
OC1-OC8
I
I
O
ST
ST
—
Compare Fault A input (for Compare Channels 1, 2, 3 and 4).
Compare Fault B input (for Compare Channels 5, 6, 7 and 8).
Compare outputs 1 through 8.
OSC1
OSC2
I
I/O
ST/CMOS
—
Oscillator crystal input. ST buffer when configured in RC mode; CMOS otherwise.
Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode.
Optionally functions as CLKO in RC and EC modes.
RA0-RA7
RA9-RA10
RA12-RA15
I/O
I/O
I/O
ST
ST
ST
PORTA is a bidirectional I/O port.
RB0-RB15
I/O
ST
PORTB is a bidirectional I/O port.
RC1-RC4
RC12-RC15
I/O
I/O
ST
ST
PORTC is a bidirectional I/O port.
RD0-RD15
I/O
ST
PORTD is a bidirectional I/O port.
RE0-RE9
I/O
ST
PORTE is a bidirectional I/O port.
RF0-RF8
RF12-RF13
I/O
ST
PORTF is a bidirectional I/O port.
RG0-RG3
RG6-RG9
RG12-RG15
I/O
I/O
I/O
ST
ST
ST
PORTG is a bidirectional I/O port.
SCK1
SDI1
SDO1
SS1
SCK2
SDI2
SDO2
SS2
I/O
I
O
I
I/O
I
O
I
ST
ST
—
ST
ST
ST
—
ST
Synchronous serial clock input/output for SPI1.
SPI1 data in.
SPI1 data out.
SPI1 slave synchronization.
Synchronous serial clock input/output for SPI2.
SPI2 data in.
SPI2 data out.
SPI2 slave synchronization.
SCL1
SDA1
SCL2
SDA2
I/O
I/O
I/O
I/O
ST
ST
ST
ST
Synchronous serial clock input/output for I2C1.
Synchronous serial data input/output for I2C1.
Synchronous serial clock input/output for I2C2.
Synchronous serial data input/output for I2C2.
SOSCI
SOSCO
I
O
ST/CMOS
—
32 kHz low-power oscillator crystal input; CMOS otherwise.
32 kHz low-power oscillator crystal output.
TMS
TCK
TDI
TDO
I
I/O
I
O
ST
ST
ST
—
JTAG Test mode select pin.
JTAG test clock input/output pin.
JTAG test data input pin.
JTAG test data output pin.
T1CK
T2CK
T3CK
T4CK
T5CK
T6CK
T7CK
T8CK
T9CK
I
I
I
I
I
I
I
I
I
ST
ST
ST
ST
ST
ST
ST
ST
ST
Timer1 external clock input.
Timer2 external clock input.
Timer3 external clock input.
Timer4 external clock input.
Timer5 external clock input.
Timer6 external clock input.
Timer7 external clock input.
Timer8 external clock input.
Timer9 external clock input.
TABLE B-1:
PINOUT I/O DESCRIPTIONS FOR MOTOR CONTROL FAMILY (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
Description
Legend:
CMOS = CMOS compatible input or output; Analog = Analog input
ST = Schmitt Trigger input with CMOS levels; O = Output; I = Input; P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com