Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP310 Datasheet(PDF) 61 Page - Microchip Technology

Part # 33FJ128GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP310 Datasheet(HTML) 61 Page - Microchip Technology

Back Button 33FJ128GP310 Datasheet HTML 57Page - Microchip Technology 33FJ128GP310 Datasheet HTML 58Page - Microchip Technology 33FJ128GP310 Datasheet HTML 59Page - Microchip Technology 33FJ128GP310 Datasheet HTML 60Page - Microchip Technology 33FJ128GP310 Datasheet HTML 61Page - Microchip Technology 33FJ128GP310 Datasheet HTML 62Page - Microchip Technology 33FJ128GP310 Datasheet HTML 63Page - Microchip Technology 33FJ128GP310 Datasheet HTML 64Page - Microchip Technology 33FJ128GP310 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 59
dsPIC33F
13.3
Plug-in Modules
The various dsPIC33F development boards may use
the plug-in modules for the dsPIC33F silicon devices.
Since the boards contain device header pins on the
PCB, they also are used to provide flexibility for the
replacement of the dsPIC33F silicon. Three different
plug-in sample types will be provided, supporting the
64-pin, 80-pin and 100-pin TQFP package types for
General Purpose and Motor Control Family device
samples. The use of plug-in samples is considered to
be an interim development board mechanization.
13.4
Acoustic Accessory Kit
The Acoustic Accessory Kit includes the following
accessories
targeted
towards
acoustics-oriented
library (NS, AEC, etc.) evaluation and application
development support:
• 6 ft. Stereo Audio Cable
• Stereo Headset
• Two 14.7456 MHz Oscillators
• Clip-on Microphone
• Fold-up Speaker
• 6 ft. DB9 M/F RS-232 Cable
• DB9M-DB9M Null Modem Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com