Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP710 Datasheet(PDF) 3 Page - Microchip Technology

Part # 33FJ128GP710
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP710 Datasheet(HTML) 3 Page - Microchip Technology

  33FJ128GP710 Datasheet HTML 1Page - Microchip Technology 33FJ128GP710 Datasheet HTML 2Page - Microchip Technology 33FJ128GP710 Datasheet HTML 3Page - Microchip Technology 33FJ128GP710 Datasheet HTML 4Page - Microchip Technology 33FJ128GP710 Datasheet HTML 5Page - Microchip Technology 33FJ128GP710 Datasheet HTML 6Page - Microchip Technology 33FJ128GP710 Datasheet HTML 7Page - Microchip Technology 33FJ128GP710 Datasheet HTML 8Page - Microchip Technology 33FJ128GP710 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 1
dsPIC33F
Operating Range
• DC – 40 MIPS (40 MIPS @ 3.0-3.6V, -40° to +85°C)
• Industrial temperature range (-40° to +85°C)
High-Performance DSC CPU
• Modified Harvard architecture
• C compiler optimized instruction set
• 16-bit wide data path
• 24-bit wide instructions
• Linear program memory addressing up to 4M
instruction words
• Linear data memory addressing up to 64 Kbytes
• 84 base instructions: mostly 1 word/1 cycle
• Sixteen 16-bit general purpose registers
• Two 40-bit accumulators:
- With rounding and saturation options
• Flexible and powerful addressing modes:
- Indirect, modulo and bit-reversed
• Software stack
• 16 x 16 fractional/integer multiply operations
• 32/16 and 16/16 divide operations
• Single-cycle multiply-and-accumulate:
- Accumulator write back for DSP operations
- Dual data fetch
• Up to +/- 16-bit shifts, for up to 40-bit data
Direct Memory Access (DMA)
• 8-channel hardware DMA
• Allows data transfer between RAM and a
peripheral while CPU is executing code (no cycle
stealing)
• 2 KB of dual-ported DMA buffer area (DMA RAM)
to store data transferred via DMA
• Most peripherals support DMA
Interrupt Controller
• 5-cycle latency
• 117 interrupt vectors
• Up to 67 available interrupt sources, up to
5 external interrupts
• 7 programmable priority levels
• 5 processor exceptions
Digital I/O
• Up to 85 programmable digital I/O pins
• Wake-up/Interrupt-on-Change on up to 24 pins
• Output pins can drive from 3.0V to 3.6V
• All digital input pins are 5V tolerant
• 4 mA sink and source on all I/O pins
On-Chip Flash and SRAM
• Flash program memory, up to 256 Kbytes
• Data SRAM (up to 30 Kbytes):
- Includes 2 KB of DMA RAM
System Management
• Flexible clock options:
- External, crystal, resonator, internal RC
- Fully integrated PLL
- Extremely low jitter PLL
• Power-up timer
• Oscillator Start-up Timer/Stabilizer
• Watchdog timer with its own RC oscillator
• Fail-Safe Clock Monitor
• Reset by multiple sources
Power Management
• On-chip 2.5V voltage regulator
• Switch between clock sources in real time
• Idle, Sleep and Doze modes with fast wake-up
dsPIC33F High-Performance 16-Bit
Digital Signal Controller Product Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com