Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP710 Datasheet(PDF) 8 Page - Microchip Technology

Part # 33FJ128GP710
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP710 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 33FJ128GP710 Datasheet HTML 4Page - Microchip Technology 33FJ128GP710 Datasheet HTML 5Page - Microchip Technology 33FJ128GP710 Datasheet HTML 6Page - Microchip Technology 33FJ128GP710 Datasheet HTML 7Page - Microchip Technology 33FJ128GP710 Datasheet HTML 8Page - Microchip Technology 33FJ128GP710 Datasheet HTML 9Page - Microchip Technology 33FJ128GP710 Datasheet HTML 10Page - Microchip Technology 33FJ128GP710 Datasheet HTML 11Page - Microchip Technology 33FJ128GP710 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
dsPIC33F
DS70155C-page 6
Preliminary
© 2005 Microchip Technology Inc.
2.0
dsPIC33F DEVICE FAMILY
OVERVIEW
The dsPIC33F device family employs a powerful 16-bit
architecture that seamlessly integrates the control
features
of
a
Microcontroller
(MCU)
with
the
computational capabilities of a Digital Signal Processor
(DSP).
The
resulting
functionality
is
ideal
for
applications
that
rely
on
high-speed,
repetitive
computations, as well as control.
The DSP engine, dual 40-bit accumulators, hardware
support for division operations, barrel shifter, 17 x 17
multiplier, a large array of 16-bit working registers and
a wide variety of data addressing modes, together
provide the dsPIC33F Central Processing Unit (CPU)
with extensive mathematical processing capability.
Flexible and deterministic interrupt handling, coupled
with a powerful array of peripherals, renders the
dsPIC33F devices suitable for control applications.
Further,
Direct
Memory
Access
(DMA)
enables
overhead-free
transfer of data
between
several
peripherals and a dedicated DMA RAM. Reliable, field
programmable
Flash
program
memory
ensures
scalability of applications that use dsPIC33F devices.
Figure 2-1 shows a sample device block diagram
typical of the dsPIC33F product family.
FIGURE 2-1:
dsPIC33F DEVICE BLOCK DIAGRAM
Barrel Shifter
ACCA<40>
ACCB<40>
DSP Engine
Divide Control
17 x 17 Multiplier
W Register
Array
16 x 16
Memory
Mapped
16-bit ALU
Program Flash
Memory Data
Access
Y AGU
X AGU
Program Counter
<23 bits>
Instruction
Prefetch & Decode
X-Data Bus <16-bit>
Y-Data Bus <16-bit>
Data SRAM
up to
28 Kbytes
Flash
Program
Memory
up to
256 Kbytes
Peripherals
I/O Ports
24
23
Legend:
MCU/DSP X-Data Path
DSP Y-Data Path
Address Path
Status Register
Dual Port
RAM
2 Kbytes
DMA
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com