Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP710 Datasheet(PDF) 52 Page - Microchip Technology

Part # 33FJ128GP710
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP710 Datasheet(HTML) 52 Page - Microchip Technology

Back Button 33FJ128GP710 Datasheet HTML 48Page - Microchip Technology 33FJ128GP710 Datasheet HTML 49Page - Microchip Technology 33FJ128GP710 Datasheet HTML 50Page - Microchip Technology 33FJ128GP710 Datasheet HTML 51Page - Microchip Technology 33FJ128GP710 Datasheet HTML 52Page - Microchip Technology 33FJ128GP710 Datasheet HTML 53Page - Microchip Technology 33FJ128GP710 Datasheet HTML 54Page - Microchip Technology 33FJ128GP710 Datasheet HTML 55Page - Microchip Technology 33FJ128GP710 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
dsPIC33F
DS70155C-page 50
Preliminary
© 2005 Microchip Technology Inc.
11.4.1
SIGNAL GENERATION
dsPICworks™ Data Analysis and DSP Software support
an extensive set of signal generators, including basic
sine, square and triangle wave generators, as well as
advanced generators for window functions, unit step,
unit sample, sine, exponential and noise functions.
Noise, with specified distribution, can be added to any
signal. Signals can be generated as 32-bit floating-point,
or as 16-bit fractional fixed-point values, for any desired
sampling rate. The length of the generated signal is
limited only by available disk space. Signals can be
imported or exported from or to MPLAB IDE file register
windows. Multi-channel data can be created by a set of
multiplexing functions.
11.4.2
DIGITAL SIGNAL PROCESSING
(DSP) AND ARITHMETIC
OPERATIONS
dsPICworks Data Analysis and DSP Software have a
wide range of DSP and arithmetic functions that can be
applied to signals. Standard DSP functions include
transform operations: FFT and DCT, convolution and
correlation, signal decimation, signal interpolation
sample rate conversion and digital filtering. Digital
filtering is an important part of the dsPICworks tool. It
uses filters designed by the sister-application, dsPIC
DSC Filter Design, and applies them to synthesized or
imported signals. The dsPICworks tool also features
special operations, such as signal clipping, scaling and
quantization, all of which are vital in real practical
analysis of DSP algorithms.
11.4.3
DISPLAY AND MEASUREMENT
dsPICworks Data Analysis and DSP Software have a
wide variety of display and measurement options.
Frequency domain data may be plotted in the form of
2-dimensional
‘spectrogram’
and
3-dimensional
‘waterfall’ options. The signals can be measured
accurately by a simple mouse click. The log window
shows current cursor coordinates, as well as derived
values, such as the difference from last position and
signal frequency. Signal strength can be measured
over a particular range of frequencies. Special support
also exists for displaying multi-channel and multiplexed
data. Graphs allow zoom options. The user can choose
from a set of color scheme options to customize display
settings.
11.4.4
FILE IMPORT/EXPORT – MPLAB
IDE AND MPLAB ASM30 SUPPORT
dsPICworks Data Analysis and DSP Software allow
data to be imported from the external world in the form
of ASCII text or binary files. Conversely, it also allows
data to be exported out in the form of files. The
dsPICworks tool supports all file formats supported by
the MPLAB import/export table. This feature allows the
user to bring real-world data from MPLAB IDE into the
dsPICworks tool for analysis. The dsPICworks tool can
also create ASM30 assembler files that can be
included into the MPLAB workspace.
11.5
Digital Filter Design Software Utility
The Digital Filter Design tool for the dsPIC33F 16-bit
digital signal controllers makes designing, analyzing and
implementing Finite Impulse Response (FIR) and Infinite
Impulse Response (IIR) digital filters easy through a
menu-driven, user-intuitive interface. This tool performs
complex mathematical computations for filter design,
provides superior graphical displays and generates
comprehensive design reports. Desired filter frequency
specifications are entered and the tool automatically
generates the filter code and coefficient files ready to
use in the MPLAB Integrated Development Environment
(IDE). System analysis of the filter transfer function is
supported with multiple generated graphs, such as
magnitude, phase, group delay, log magnitude, impulse
response and pole/zero locations.
FIGURE 11-2:
DIGITAL FILTER DESIGN
TOOL INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com