Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP710 Datasheet(PDF) 32 Page - Microchip Technology

Part # 33FJ128GP710
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP710 Datasheet(HTML) 32 Page - Microchip Technology

Back Button 33FJ128GP710 Datasheet HTML 28Page - Microchip Technology 33FJ128GP710 Datasheet HTML 29Page - Microchip Technology 33FJ128GP710 Datasheet HTML 30Page - Microchip Technology 33FJ128GP710 Datasheet HTML 31Page - Microchip Technology 33FJ128GP710 Datasheet HTML 32Page - Microchip Technology 33FJ128GP710 Datasheet HTML 33Page - Microchip Technology 33FJ128GP710 Datasheet HTML 34Page - Microchip Technology 33FJ128GP710 Datasheet HTML 35Page - Microchip Technology 33FJ128GP710 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
dsPIC33F
DS70155C-page 30
Preliminary
© 2005 Microchip Technology Inc.
8.9
UART Module
The UART is a full-duplex asynchronous system that
can communicate with peripheral devices, such as
personal computers, RS-232 and RS-485 interfaces.
The dsPIC33F devices have one or more UARTs.
The key features of the UART module are:
• Full-duplex operation with 8 or 9-bit data
• Even, odd or no parity options (for 8-bit data)
• One or two Stop bits
• Fully integrated Baud Rate Generator (BRG) with
16-bit prescaler
• Baud rates range from up to 10 Mbps and down to
38 Hz at 40 MIPS
• 4-character deep transmit data buffer
• 4-character deep receive data buffer
• Parity, framing and buffer overrun error detection
•Full IrDA® support, including hardware encoding
and decoding of IrDA® messages
• LIN bus support
- Auto wake-up from Sleep or Idle mode on
Start bit detect
- Auto-baud detection
- Break character support
• Support for interrupt on address detect (9th bit = 1)
• Separate transmit and receive interrupts
- On transmission of 1 or 4 characters
- On reception of 1, 3 and 4 characters
• Loopback mode for diagnostics
The UART1 and UART2 modules support DMA data
transfers.
8.10
I2C™ Module
The I2C module is a synchronous serial interface, useful
for
communicating
with
other
peripheral
or
microcontroller devices. These peripheral devices may
be serial EEPROMs, shift registers, display drivers, A/D
Converters, etc.
The Inter-Integrated Circuit (I2C) module offers full
hardware support for both slave and multi-master
operations.
The key features of the I2C module are:
•I2C slave operation supports 7 and 10-bit address
•I2C master operation supports 7 and 10-bit address
•I2C port allows bidirectional transfers between
master and slaves
• Serial clock synchronization for I2C port can be
used as a handshake mechanism to suspend and
resume serial transfer (serial clock stretching)
•I2C supports multi-master operation; detects bus
collision and will arbitrate accordingly
• Slew rate control for 100 kHz and 400 kHz bus speeds
In I2C mode, pin SCL is clock and pin SDA is data. The
module will override the data direction bits for these pins.
8.11
Controller Area Network (CAN)
Module
The Controller Area Network (CAN) module is a serial
interface useful for communicating with other CAN
modules or microcontroller devices. This interface/
protocol was designed to allow communications within
noisy environments.
The CAN module is a communication controller
implementing the CAN 2.0 A/B protocol, as defined in
the
BOSCH
specification.
The
module
supports
CAN 1.2, CAN 2.0A, CAN2.0B Passive and CAN 2.0B
Active versions of the protocol. Details of these protocols
can be found in the BOSCH CAN specification.
The CAN module features:
• Implementation of the CAN protocol CAN 1.2,
CAN 2.0A and CAN 2.0B
• Standard and extended data frames
• Data lengths of 0-8 bytes
• Programmable bit rate up to 1 Mbit/sec
• Automatic response to remote frames
• Up to 16 receive buffers in DMA RAM
• FIFO Buffer mode (up to 64 messages deep)
• 16 full (standard/extended identifier) acceptance
filters
• 3 full acceptance filter masks
• Up to 8 transmit buffers in DMA RAM
• DMA can be used for transmission and reception
• Programmable wake-up functionality with
integrated low-pass filter
• Programmable Loopback mode supports self-test
operation
• Signaling via interrupt capabilities for all CAN
receiver and transmitter error states
• Programmable clock source
• Programmable link to timer module for
time-stamping and network synchronization
• Low-power Sleep and Idle mode
The CAN bus module consists of a protocol engine and
message buffering/control. The CAN protocol engine
handles all functions for receiving and transmitting
messages on the CAN bus. Messages are transmitted
by first loading the appropriate data registers. Status
and errors can be checked by reading the appropriate
registers. Any message detected on the CAN bus is
checked for errors and then matched against filters to
see if it should be received and stored in one of the
receive registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com