Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP710 Datasheet(PDF) 5 Page - Microchip Technology

Part # 33FJ128GP710
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP710 Datasheet(HTML) 5 Page - Microchip Technology

  33FJ128GP710 Datasheet HTML 1Page - Microchip Technology 33FJ128GP710 Datasheet HTML 2Page - Microchip Technology 33FJ128GP710 Datasheet HTML 3Page - Microchip Technology 33FJ128GP710 Datasheet HTML 4Page - Microchip Technology 33FJ128GP710 Datasheet HTML 5Page - Microchip Technology 33FJ128GP710 Datasheet HTML 6Page - Microchip Technology 33FJ128GP710 Datasheet HTML 7Page - Microchip Technology 33FJ128GP710 Datasheet HTML 8Page - Microchip Technology 33FJ128GP710 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 3
dsPIC33F
1.0
dsPIC33F PRODUCT FAMILIES
1.1
General Purpose Family
The dsPIC33F General Purpose Family (Table 1-1)
is ideal for a wide variety of 16-bit MCU embedded
applications. The variants with codec interfaces are
well-suited for audio applications.
TABLE 1-1:
dsPIC33F GENERAL PURPOSE FAMILY VARIANTS
Device
Pins
Program Flash
Memory (KB)
RAM(1)
(KB)
Packages
33FJ64GP206
64
64
8
9
8
8
1
1 A/D,
18 ch
2210
53
PT
33FJ64GP306
64
64
16
9
8
8
1
1 A/D,
18 ch
2220
53
PT
33FJ64GP310
100
64
16
9
8
8
1
1 A/D,
32 ch
2220
85
PF, PT
33FJ64GP706
64
64
16
9
8
8
1
2 A/D,
18 ch
2222
53
PT
33FJ64GP708
80
64
16
9
8
8
1
2 A/D,
24 ch
2222
69
PT
33FJ64GP710
100
64
16
9
8
8
1
2 A/D,
32 ch
2222
85
PF, PT
33FJ128GP206
64
128
8
9
8
8
1
1 A/D,
18 ch
2210
53
PT
33FJ128GP306
64
128
16
9
8
8
1
1 A/D,
18 ch
2220
53
PT
33FJ128GP310
100
128
16
9
8
8
1
1 A/D,
32 ch
2220
85
PF, PT
33FJ128GP706
64
128
16
9
8
8
1
2 A/D,
18 ch
2222
53
PT
33FJ128GP708
80
128
16
9
8
8
1
2 A/D,
24 ch
2222
69
PT
33FJ128GP710
100
128
16
9
8
8
1
2 A/D,
32 ch
2222
85
PF, PT
33FJ256GP506
64
256
16
9
8
8
1
1 A/D,
18 ch
2221
53
PT
33FJ256GP510
100
256
16
9
8
8
1
1 A/D,
32 ch
2221
85
PF, PT
33FJ256GP710
100
256
30
9
8
8
1
2 A/D,
32 ch
2222
85
PF, PT
Note
1:
RAM size is inclusive of 2 KB DMA RAM.
2:
Maximum I/O pin count includes pins shared by the peripheral functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com