Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG509ATCHIPS Datasheet(PDF) 5 Page - Analog Devices

Part # ADG509ATCHIPS
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG509ATCHIPS Datasheet(HTML) 5 Page - Analog Devices

  ADG509ATCHIPS Datasheet HTML 1Page - Analog Devices ADG509ATCHIPS Datasheet HTML 2Page - Analog Devices ADG509ATCHIPS Datasheet HTML 3Page - Analog Devices ADG509ATCHIPS Datasheet HTML 4Page - Analog Devices ADG509ATCHIPS Datasheet HTML 5Page - Analog Devices ADG509ATCHIPS Datasheet HTML 6Page - Analog Devices ADG509ATCHIPS Datasheet HTML 7Page - Analog Devices ADG509ATCHIPS Datasheet HTML 8Page - Analog Devices ADG509ATCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 5 of 16
SINGLE SUPPLY
VDD = 10.8 V to 16.5 V, VSS = GND = 0 V, unless otherwise noted.
Table 2.
ADG508A/
ADG509A
K Version
ADG508A/
ADG509A
B Version
ADG508A/
ADG509A
T Version
Parameter
+25°C
−40°C to
+85°C
+25°C
−40°C to
+85°C
+25°C
−55°C to
+125°C
Unit
Comments
ANALOG SWITCH
Analog Signal Range
GND
GND
GND
GND
GND
GND
V min
VDD
VDD
VDD
VDD
VDD
VDD
V max
RON
500
500
500
Ω typ
GND ≤ VS ≤ 10 V, IDS = 0.5 mA;
see Figure 14
700
1000
700
1000
700
1000
Ω max
RON Drift
0.6
0.6
0.6
%/°C typ
VS = 0, IDS = 0.5 mA
RON Match
5
5
5
% typ
GND ≤ VS ≤ 10 V, IDS = 0.5 mA
IS (Off ), Off Input Leakage
0.02
0.02
0.02
nA typ
V1 = 10 V/GND, V2 = GND/10 V;
see Figure 15
1
50
1
50
1
50
nA max
ID (Off), Off Output Leakage
0.04
0.04
0.04
nA typ
V1 = 10 V/GND, V2 = GND/10 V;
see Figure 16
ADG508A
1
100
1
100
1
100
nA max
ADG509A
1
50
1
50
1
50
nA max
ID (On), On Channel Leakage
0.04
0.04
0.04
nA typ
V1 = V2 = 10 V/GND;
see Figure 17
ADG508A
1
100
1
100
1
100
nA max
ADG509A
1
50
1
50
1
50
nA max
IDIFF, Differential Off Output
Leakage (ADG509A Only)
25
25
25
nA max
V1 = 10 V/GND, V2 = GND/10 V;
see Figure 18
DIGITAL CONTROL
VINH, Input High Voltage
2.4
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
0.8
V max
IINL or IINH
1
1
1
μA max
VIN = 0 to VDD
CIN Digital Input Capacitance
8
8
8
pF max
DYNAMIC CHARACTERISTICS
tTRANSITION1
300
300
300
ns typ
V1 = 10 V/GND, V2 = GND/10 V;
see Figure 19
450
600
450
600
450
600
ns max
tOPEN1
50
50
50
ns typ
See Figure 20
25
10
25
10
25
10
ns min
tON (EN)1
250
250
250
ns typ
See Figure 21
450
600
450
600
450
600
ns max
tOFF (EN)1
250
250
250
ns typ
See Figure 21
450
600
450
600
450
600
ns max
Off Isolation
68
68
68
dB typ
VEN = 0.8 V, RL = 1kΩ, CL = 15 pF,
VS = 3.5 V rms, f = 100 kHz
50
50
50
dB min
CS (Off )
5
5
5
pF typ
VEN = 0.8 V
CD (Off )
ADG508A
22
22
22
pF typ
VEN = 0.8 V
ADG509A
11
11
11
pF typ
QINJ, Charge Injection
4
4
4
pC typ
RS = 0 Ω, VS = 0 V; see Figure 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com