Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG509ATCHIPS Datasheet(PDF) 10 Page - Analog Devices

Part # ADG509ATCHIPS
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG509ATCHIPS Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG509ATCHIPS Datasheet HTML 6Page - Analog Devices ADG509ATCHIPS Datasheet HTML 7Page - Analog Devices ADG509ATCHIPS Datasheet HTML 8Page - Analog Devices ADG509ATCHIPS Datasheet HTML 9Page - Analog Devices ADG509ATCHIPS Datasheet HTML 10Page - Analog Devices ADG509ATCHIPS Datasheet HTML 11Page - Analog Devices ADG509ATCHIPS Datasheet HTML 12Page - Analog Devices ADG509ATCHIPS Datasheet HTML 13Page - Analog Devices ADG509ATCHIPS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 10 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
The multiplexers are guaranteed functional with reduced single or dual supplies down to 4.5 V.
600
500
400
300
200
100
–15
–10
–5
0
5
10
15
700
0
–20
20
VD [VS](V)
VDD =+5V
VSS = –5V
VDD = +10.8V
VSS = –10.8V
VDD = +15V
VSS = –15V
Figure 8. RON as a Function of VD (VS): Dual-Supply Voltage, TA = 25°C
10
1
0.1
25
35
45
55
65
85
95
105
115
100
75
125
TEMPERATURE (°C)
VDD = +16.5V
VSS = –16.5V
ID (ON)
ID (OFF)
IS (OFF)
Figure 9. Leakage Current as a Function of Temperature
(Note: Leakage Currents Reduce as the Supply Voltages Reduce)
700
600
500
400
300
200
6789
10
11
12
13
14
800
100
515
SUPPLY VOLTAGE (V)
SINGLE
SUPPLY
DUAL
SUPPLY
Figure 10. tTRANSITION vs. Supply Voltage: Dual and Single Supplies, TA = 25°C
(Note: For VDD and lVSSl < 10 V; V1 = VDD/VSS, V2 = VSS/VDD. (see Figure 19))
600
500
400
300
200
100
–15
–10
–5
0
5
10
15
700
0
–20
20
VD [VS](V)
VDD =10.8V
VSS =0V
VDD =15V
VSS =0V
Figure 11. RON as a Function of VD (VS) Single-Supply Voltage, TA = 25°C
1.8
1.7
1.6
1.9
1.5
67
89
10
11
12
13
14
5
SUPPLY VOLTAGE (V)
15
Figure 12. Trigger Levels vs. Power Supply Voltage, Dual or Single Supply,
TA = 25°C
0.8
0.6
0.4
0.2
6789
10
11
12
13
14
15
16
1.0
0
5
SUPPLY VOLTAGE (V)
17
Figure 13. IDD vs. Supply Voltage: Dual or Single Supply, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com