Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG509ATCHIPS Datasheet(PDF) 8 Page - Analog Devices

Part # ADG509ATCHIPS
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG509ATCHIPS Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG509ATCHIPS Datasheet HTML 4Page - Analog Devices ADG509ATCHIPS Datasheet HTML 5Page - Analog Devices ADG509ATCHIPS Datasheet HTML 6Page - Analog Devices ADG509ATCHIPS Datasheet HTML 7Page - Analog Devices ADG509ATCHIPS Datasheet HTML 8Page - Analog Devices ADG509ATCHIPS Datasheet HTML 9Page - Analog Devices ADG509ATCHIPS Datasheet HTML 10Page - Analog Devices ADG509ATCHIPS Datasheet HTML 11Page - Analog Devices ADG509ATCHIPS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 8 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A0 1
EN 2
VSS 3
S1 4
A1
16
A2
15
GND
14
VDD
13
S2 5
S3 6
S4 7
S5
12
S6
11
S7
10
D 8
S8
9
ADG508A
TOP VIEW
(Not to Scale)
Figure 3. ADG508A DIP, SOIC
4
VSS
5
S1
6
NC
7
S2
8
S3
18
GND
17
VDD
16
NC
15
S5
14
S6
19
20
1
2
3
13
12
11
10
9
ADG508A
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 4. ADG508A LCC
120
19
2
3
4
5
6
7
8
18
17
16
15
14
9
10
11
12
13 NC = NO CONNECT
VSS
S1
NC
S2
S3
GND
VDD
NC
S5
S6
PIN 1
IDENTIFIER
ADG508A
TOP VIEW
(Not to Scale)
Figure 5. ADG508A PLCC
Table 4. ADG508A Pin Function Description
Pin Number
DIP/SOIC
PLCC/LCC
Mnemonic
Description
1
2
A0
Logic Control Input.
2
3
EN
Active High Digital Input. When low, the device is disabled and all switches are off.
When high, Ax logic inputs determine on switches.
3
4
VSS
Most Negative Power Supply Potential in Dual Supplies. In single-supply applications,
it can be connected to ground.
4
5
S1
Source Terminal 1. Can be an input or an output.
5
7
S2
Source Terminal 2. Can be an input or an output.
6
8
S3
Source Terminal 3. Can be an input or an output.
7
9
S4
Source Terminal 4. Can be an input or an output.
8
10
D
Drain Terminal. Can be an input or an output.
9
12
S8
Source Terminal 8. Can be an input or an output.
10
13
S7
Source Terminal 7. Can be an input or an output.
11
14
S6
Source Terminal 6. Can be an input or an output.
12
15
S5
Source Terminal 5. Can be an input or an output.
13
17
VDD
Most Positive Power Supply Potential.
14
18
GND
Ground (0 V) Reference.
15
19
A2
Logic Control Input.
16
20
A1
Logic Control Input.
N/A
1
NC
No Connect.
N/A
6
NC
No Connect.
N/A
11
NC
No Connect.
N/A
16
NC
No Connect.
Table 5. ADG508A Truth Table
A2
A1
A0
EN
On Switch
X1
X1
X
X
1
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com