Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG509ATCHIPS Datasheet(PDF) 13 Page - Analog Devices

Part # ADG509ATCHIPS
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG509ATCHIPS Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG509ATCHIPS Datasheet HTML 8Page - Analog Devices ADG509ATCHIPS Datasheet HTML 9Page - Analog Devices ADG509ATCHIPS Datasheet HTML 10Page - Analog Devices ADG509ATCHIPS Datasheet HTML 11Page - Analog Devices ADG509ATCHIPS Datasheet HTML 12Page - Analog Devices ADG509ATCHIPS Datasheet HTML 13Page - Analog Devices ADG509ATCHIPS Datasheet HTML 14Page - Analog Devices ADG509ATCHIPS Datasheet HTML 15Page - Analog Devices ADG509ATCHIPS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 13 of 16
SINGLE-SUPPLY OCTAL DAC APPLICATION
The entire system operates from a single 15 V power supply.
The ADG508A is ideally suited for the application because it
has both low charge injection and IS (OFF) leakage current.
The following circuit shows the ADG508A connected as a demulti-
plexer to provide eight separate, digitally programmable voltages
(0 V to 10 V) from the AD7245A. The AD7245A is a complete
12-bit, voltage output DAC with output amplifier and Zener
voltage reference on a monolithic CMOS chip.
DB11
DB0
RFB
VDD
VOUT
ROFS
AD7245A
VSS
DGND
AGND
CS
WR
LDAC
CLR
REF OUT
ADG508A
EN
D
GND
VSS
S8
S1
VDD
A0
A1
A2
+
1/4 TLC274
VOUT1
15V
15V
15V
0.01µF
1/4 TLC274
VOUT8
15V
0.01µF
10µF
0.1µF
10Ω
Figure 23. ADG508A in a Single-Supply Octal DAC Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com