Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG509ATCHIPS Datasheet(PDF) 16 Page - Analog Devices

Part # ADG509ATCHIPS
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG509ATCHIPS Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG509ATCHIPS Datasheet HTML 8Page - Analog Devices ADG509ATCHIPS Datasheet HTML 9Page - Analog Devices ADG509ATCHIPS Datasheet HTML 10Page - Analog Devices ADG509ATCHIPS Datasheet HTML 11Page - Analog Devices ADG509ATCHIPS Datasheet HTML 12Page - Analog Devices ADG509ATCHIPS Datasheet HTML 13Page - Analog Devices ADG509ATCHIPS Datasheet HTML 14Page - Analog Devices ADG509ATCHIPS Datasheet HTML 15Page - Analog Devices ADG509ATCHIPS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 16 of 16
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG508AKN
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
ADG508AKNZ1
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
ADG508AKR
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG508AKR-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG508AKR-REEL7
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG508AKRZ1
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG508AKRZ-REEL1
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG508AKRZ-REEL71
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG508AKP
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
ADG508AKP-REEL
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
ADG508AKPZ1
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
ADG508AKPZ-REEL1
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
ADG508ABQ
−40°C to +85°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
ADG508ATQ
−55°C to +125°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
ADG508ATE
−55°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier [LCC]
E-20-1
ADG508ABCHIPS
DIE
ADG508ATCHIPS
DIE
ADG509AKN
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
ADG509AKNZ1
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
ADG509AKR
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG509AKR-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG509AKR-REEL7
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG509AKRZ-REEL1
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG509AKRZ-REEL71
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADG509AKP
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
ADG509AKP-REEL
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
ADG509AKPZ1
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
ADG509AKPZ-REEL1
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
ADG509ABQ
−40°C to +85°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
ADG509ATQ
−55°C to +125°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
ADG509ATQ/883B
−55°C to +125°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
ADG509ABCHIPS
DIE
ADG509ATCHIPS
DIE
1 Z = RoHS Compliant Part.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00051-0-
7/09(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com