Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7323 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # PFS7323
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7323 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  PFS7323 Datasheet HTML 1Page - Power Integrations, Inc. PFS7323 Datasheet HTML 2Page - Power Integrations, Inc. PFS7323 Datasheet HTML 3Page - Power Integrations, Inc. PFS7323 Datasheet HTML 4Page - Power Integrations, Inc. PFS7323 Datasheet HTML 5Page - Power Integrations, Inc. PFS7323 Datasheet HTML 6Page - Power Integrations, Inc. PFS7323 Datasheet HTML 7Page - Power Integrations, Inc. PFS7323 Datasheet HTML 8Page - Power Integrations, Inc. PFS7323 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Rev. B 06/13
4
PFS7323-7329
www.powerint.com
Figure 3.
Functional Block Diagram.
Functional Description
The HiperPFS-2 is a variable switching frequency boost PFC
solution. More specifically, it employs a constant amp-second
on-time and constant volt-second off-time control algorithm.
This algorithm is used to regulate the output voltage and shape
the input current to comply with regulatory harmonic current
limits (high power factor). Integrating the switch current and
controlling it to have a constant amp-sec product over the
on-time of the switch allows the average input current to follow
the input voltage. Integrating the difference between the output
and input voltage maintains a constant volt-second balance
dictated by the electro-magnetic properties of the boost
inductor and thus regulates the output voltage and power.
More specifically, the control technique sets constant volt-
seconds for the off-time (t
OFF). The off-time is controlled such
that:
#
VV
tK
OINOFF
1
-=
^h
(1)
Since the volt-seconds during the on-time must equal the
volt-seconds during the off-time, to maintain flux equilibrium in
the PFC choke, the on-time (t
ON) is controlled such that:
#
Vt
K
IN
ON
1
=
(2)
The controller also sets a constant value of charge during each
on-cycle of the power MOSFET. The charge per cycle is varied
gradually over many switching cycles in response to load
changes so it can be regarded as substantially constant for a
half line cycle. With this constant charge (or amp-second)
control, the following relationship is therefore also true:
#
It
K
IN
ON
2
=
(3)
Substituting t
ON from (2) into (3) gives:
IV
K
K
IN
IN
1
2
#
=
(4)
PI-6697-050312
+
-
BIAS POWER (VCC)
BOOST DIODE CATHODE (K)
DRAIN (D)
SOURCE (S)
GROUND (G)
POWER GOOD
(PG)
POWER GOOD
THRESHOLD
(PGT)
FEEDBACK
(FB)
COMPENSATION
(C)
REFERENCE
(R)
VCC+
INTERNAL
SUPPLY
REFERENCE
AND BAND GAP
SOFT-
START
VOLTAGE MONITOR (V)
MON
INPUT
LINE INTERFACE
Peak
Detector
IVPK
IV
Input UV
(IUV+/IUV-)
+
-
+
-
+
-
+
-
FBOV
~(VO-VIN)
Internal
Reference
VREF
Transconductance
Error-Amplier
FEEDBACK/
COMPENSATION Pin
OV/UV
senseFET
Power
MOSFET
C-UV/OFF
Comparator
IREF
IV
M
OFF (IREF - IV)
CINT
CUV/
FBOFF/
COFF IOCP
VREF
VPG(H) IPGT
FBCOV
FBCUV
+
+
+
-
+
-
+
-
+
-
+
-
FBCUV
FBCOV
FBON/
FBOFF V
FB
VCC
Buffer and
De-Glitch Filter
CUV/COFF
VFB
VPG(H)
VCC
IPGT
IOCP
IS
VOFF
VE
CINT
IVPK
V
E
PON × MON × IS
VCC
Latch
Comparator
INPUT UV
OTP SOA
Comparator
1 kHz Filter
Frequency
Slide
mON is the switch
current sense scale
factor which is a function
of the peak input voltage
OCP
LEB
Feedback-OVP/OFF
Comparator
VOFF is a function of the error-voltage
(VE) and is used to reduce the
average operating frequency as a
function of output power
FBGM
FBGM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com