Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7323 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # PFS7323
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7323 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button PFS7323 Datasheet HTML 17Page - Power Integrations, Inc. PFS7323 Datasheet HTML 18Page - Power Integrations, Inc. PFS7323 Datasheet HTML 19Page - Power Integrations, Inc. PFS7323 Datasheet HTML 20Page - Power Integrations, Inc. PFS7323 Datasheet HTML 21Page - Power Integrations, Inc. PFS7323 Datasheet HTML 22Page - Power Integrations, Inc. PFS7323 Datasheet HTML 23Page - Power Integrations, Inc. PFS7323 Datasheet HTML 24Page - Power Integrations, Inc. PFS7323 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Rev. B 06/13
21
PFS7323-7329
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
T
JI = -40 °C to 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Current Limit/Circuit Protection
Over-Current
Protection
I
OCP
PFS7323L
di/dt = 250 mA/
ms
T
JI = 25 °C
I
V < 48 mA
3.8
4.1
4.3
I
V > 59 mA
2.5
2.9
3.2
PFS7324L
di/dt = 300 mA/
ms
T
JI = 25 °C
I
V < 48 mA
4.5
4.8
5.1
I
V > 59 mA
3.0
3.5
3.8
PFS7325L
di/dt = 400 mA/
ms
T
JI = 25 °C
I
V < 48 mA
5.5
5.9
6.2
I
V > 59 mA
3.7
4.2
4.7
PFS7326H
di/dt = 500 mA/
ms
T
JI = 25 °C
I
V < 48 mA
6.8
7.2
7.5
I
V > 59 mA
4.6
5.2
5.7
PFS7327H
di/dt = 650 mA/
ms
T
JI = 25 °C
I
V < 48 mA
8.0
8.4
8.8
I
V > 59 mA
5.4
6.0
6.6
PFS7328H
di/dt = 800 mA/
ms
T
JI = 25 °C
I
V < 48 mA
9.0
9.5
9.9
I
V > 59 mA
6.0
6.6
7.3
PFS7329H
di/dt = 920 mA/
ms
T
JI = 25 °C
I
V < 48 mA
10.0
10.5
11.0
I
V > 59 mA
6.6
7.4
7.9
SOA Protection
Time-Out
t
OCP
T
JI = 25 °C
265
315
365
ms
SOA On-time
t
SOA
T
JI = 25 °C
See Note A
1
ms
Leading Edge
Blanking (LEB) Time
t
LEB
See Note A
220
ns
Current Limit Delay (ILD)
t
IL(D)
See Note A
100
ns
LEB + ILD + Driver Delay
t
LEB + tIL(D) +
t
DRIVER
T
JI = 25 °C
370
470
570
ns
Thermal Shutdown
Temperature
T
SHUT
See Note A
110
117
125
°C
Thermal Shutdown
Hysteresis
T
HYST
See Note A
49
°C
COMPENSATION Pin
Undervoltage Threshold
C
UV
T
JI = 25 °C
3
3.5
4
V
COMPENSATION Pin
Undervoltage Delay
t
C(UV)
T
JI = 25 °C
65
100
135
ms
Feedback Start-Up
Threshold
FB
OFF
0
°C < T
JI < 100 °C
1.15
1.25
1.45
V
FEEDBACK Pin
Off Delay
t
FB(OFF)
0
°C < T
JI < 100 °C
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com