Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7323 Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # PFS7323
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7323 Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button PFS7323 Datasheet HTML 20Page - Power Integrations, Inc. PFS7323 Datasheet HTML 21Page - Power Integrations, Inc. PFS7323 Datasheet HTML 22Page - Power Integrations, Inc. PFS7323 Datasheet HTML 23Page - Power Integrations, Inc. PFS7323 Datasheet HTML 24Page - Power Integrations, Inc. PFS7323 Datasheet HTML 25Page - Power Integrations, Inc. PFS7323 Datasheet HTML 26Page - Power Integrations, Inc. PFS7323 Datasheet HTML 27Page - Power Integrations, Inc. PFS7323 Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Rev. B 06/13
24
PFS7323-7329
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
T
JI = -40 °C to 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Power MOSFET (cont.)
Effective Output
Capacitance
C
OSS
T
J(M) = 25 °C
V
GS = 0 V,
V
DS = 0 to 80% VDSS
(See Note A)
PFS7323
176
pF
PFS7324
210
PFS7325
265
PFS7326
312
PFS7327
320
PFS7328
420
PFS7329
487
Breakdown Voltage
BV
DSS
T
J(M) = 25 °C, VCC = 12 V
I
D = 250 mA, VFB = VV = VC = 0 V
530
V
Breakdown Voltage
Temperature Coefficient
BV
DSS(TC)
0.048
%/
°C
Off-State Drain Current
Leakage
I
DSS
T
J(M) = 100 °C
V
DS = 80%
BV
DSS
VCC = 12 V
V
FB=VV=VC=0
PFS7323
T
J(M) = 100 °C
80
mA
PFS7324
T
J(M) = 100 °C
100
PFS7325
T
J(M) = 100 °C
120
PFS7326
T
J(M) = 100 °C
150
PFS7327
T
J(M) = 100 °C
170
PFS7328
T
J(M) = 100 °C
200
PFS7329
T
J(M) = 100 °C
235
Turn-Off Voltage
Rise Time
t
R
See Notes A, B, C
50
ns
Turn-On Voltage
Fall Time
t
F
100
Start-Up Time Delay
t
START-DELAY
0
°C < T
JI < 100 °C
See Note A, B
2
6
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com