Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7323 Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # PFS7323
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7323 Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button PFS7323 Datasheet HTML 15Page - Power Integrations, Inc. PFS7323 Datasheet HTML 16Page - Power Integrations, Inc. PFS7323 Datasheet HTML 17Page - Power Integrations, Inc. PFS7323 Datasheet HTML 18Page - Power Integrations, Inc. PFS7323 Datasheet HTML 19Page - Power Integrations, Inc. PFS7323 Datasheet HTML 20Page - Power Integrations, Inc. PFS7323 Datasheet HTML 21Page - Power Integrations, Inc. PFS7323 Datasheet HTML 22Page - Power Integrations, Inc. PFS7323 Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Rev. B 06/13
19
PFS7323-7329
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
T
JI = -40 °C to 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Maximum Operating
ON-time
t
ON(MAX)
0 °C < TJI < 100 °C
30
40
50
ms
Minimum Operating
ON-time
t
ON(MIN)
0 °C < T
JI < 100 °C
See Note A
0.5
1
Maximum Operating
OFF-time
t
OFF(MAX)
0 °C < T
JI < 100 °C
30
40
50
Minimum Operating
OFF-time
t
OFF(MIN)
0 °C < T
JI < 100 °C
1
3.5
Internal Feedback
Voltage Reference
V
REF
T
JI = 25 °C
See Note A
5.955
6.00
6.045
V
COMPENSATION Pin
Voltage
V
C
0 °C < T
JI < 100 °C
(In Regulation)
5.88
6.00
6.12
V
FEEDBACK Pin
Current
I
FB
T
JI = 25 °C
Normal Operation
340
500
640
nA
Soft-Start Time
t
SOFT
T
JI = 25 °
12
ms
Internal Compensation
Frequency
f
COMP
See Note A
Pole (fp)
1
kHz
Error-Amplifier Gain
A
v
See Note A
100
V/V
Absolute Maximum Ratings(2)
DRAIN Pin Peak Current: PFS7323 ....................................7.5 A
PFS7324 ....................................9.0 A
PFS7325 .................................. 11.3 A
PFS7326 ..................................13.5 A
PFS7327 ..................................15.8 A
PFS7328 ..................................18.0 A
PFS7329..................................21.0 A
DRAIN Pin Voltage ............................. -0.3 V to 530 V / 540 V(5)
VCC, PG, PGT Pin Voltage .................................. -0.3 V to 15 V
VCC Pin Current.............................................................. 25 mA
VOLTAGE MONITOR Pin Voltage ................................-0.3 V to 9 V
FEEDBACK Pin Voltage.......................................... -0.3 V to 9 V
COMPENSATION Pin Voltage ................................ -0.3 V to 9 V
REFERENCE Pin Voltage ....................................... -0.3 V to 9 V
Storage Temperature ........................................... -65
°C to 150 °C
Junction Temperature(3) ................................... -40
°C to 150 °C
Lead Temperature(4) ........................................................260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Maximum ratings specified may be applied one at a time
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
3. Normally limited by internal circuitry.
4. 1/16 in. from case for 5 seconds.
5. Limited to a duration ≤ 15 ns and at a drain current ≤ I
LIM(TYP).
Thermal Resistance
Thermal Resistance: H/L Package:
(
q
JA)
(1)
....................................................103
°C/W
(
q
JC).................................................. (see Figure 20)
Notes:
1. Controller junction temperature (T
JI) may be less than the
Internal Power MOSFET Junction Temperature (T
J(M)) and
Diode Junction Temperature (T
J(D)).
Qspeed Diode
Peak Repetitive Reverse Voltage (V
RRM)
530 V
Average Forward Current (I
F(AVG))
T
J(D) = 150 °C
3 A
Non-Repetitive Peak Surge Current (I
FSM)
60 Hz, ½ cycle, T
C(D) = 25 °C
50 A
Non-Repetitive Peak Surge Current (I
FSM)
500
ms, T
C(D) = 25 °C
130 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com