Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7323 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # PFS7323
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7323 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button PFS7323 Datasheet HTML 18Page - Power Integrations, Inc. PFS7323 Datasheet HTML 19Page - Power Integrations, Inc. PFS7323 Datasheet HTML 20Page - Power Integrations, Inc. PFS7323 Datasheet HTML 21Page - Power Integrations, Inc. PFS7323 Datasheet HTML 22Page - Power Integrations, Inc. PFS7323 Datasheet HTML 23Page - Power Integrations, Inc. PFS7323 Datasheet HTML 24Page - Power Integrations, Inc. PFS7323 Datasheet HTML 25Page - Power Integrations, Inc. PFS7323 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Rev. B 06/13
22
PFS7323-7329
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
T
JI = -40 °C to 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Current Limit/Circuit Protection (cont.)
COMPENSATION Pin
Start-Up Threshold
C
OFF
0
°C < T
JI < 100 °C
0.5
1.2
1.65
V
COMPENSATION Pin
Off Delay
t
C(OFF)
0
°C < T
JI < 100 °C
5
ms
FEEDBACK Pin
Overvoltage Threshold
FB
OV
0
°C < T
JI < 100 °C
Referenced to V
REF
V
REF
+600 mV
V
REF
+700 mV
V
REF
+850 mV
V
COMPENSATION Pin
Overvoltage Threshold
C
OV
0
°C < T
JI < 100 °C Referenced to VREF
V
REF
+25 mV
V
REF
+90 mV
V
REF
+160 mV
V
0
°C < T
JI < 100 °C Hysterisis
50
mV
FEEDBACK Pin/
COMPENSATION Pin
Overvoltage Delay
t
FB(OV)
t
C(OV)
0
°C < T
JI < 100 °C
1
2
3
ms
FEEDBACK Pin
Overvoltage Hysteresis
FB
OV(HYST)
0
°C < T
JI < 100 °C
+300 mV
V
FEEDBACK Pin
Overvoltage Offset
Threshold
FBC
OV
0
°C < T
JI < 100 °C
Referenced to V
C (COMPENSATION Pin)
V
C
+225 mV
V
C
+250 mV
V
C
+275 mV
V
FEEDBACK Pin
Undervoltage Offset
Threshold
FBC
UV
0
°C < T
JI < 100 °C
Referenced to V
C (COMPENSATION Pin)
V
C
-275 mV
V
C
-250 mV
V
C
-215 mV
V
FEEDBACK Pin
Charge Current
I
FBC
0
°C < T
JI < 100 °C
|V
FB-VC| > 215 mV
2
mA
Start-Up VCC
(Rising Edge)
V
CC+
T
JI = 25 °C
9.5
10.2
V
VCC Operating Range
V
CC
T
JI = 25 °C, See Note A
10.2
12
13.2
V
Shutdown V
CC
(Falling Edge)
V
CC-
T
JI = 25 °C
9.0
9.5
V
VCC Hysteresis
VCC
(HYST)
0
°C < T
JI < 100 °C
0.2
0.5
0.8
V
Supply Current
Characteristics
I
CD1
0
°C < T
JI < 100 °C
Switching
3.5
mA
I
CD2
0
°C < T
JI < 100 °C
Not Switching
2.5
VCC Power-Up
Reset Threshold
V
CC(POR)
T
JI = 25 °C
2.85
3.6
4.25
V
VCC Power-Up
Reset Current
I
VCC(POR)
T
JI = 25 °C
2.5
mA
REFERENCE Pin
Voltage
V
R
0
°C < T
JI < 100 °C
R
REF = 24.9 kW
1.240
1.265
1.300
V
REFERENCE Pin
Threshold
I
R
0
°C < T
JI < 100 °C
Full Power Mode
(24.9 k
W)
48.50
51.00
53.50
mA
Efficiency Power
Mode (49.9 k
W)
24.00
25.50
27.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com