Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6565 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6565
Description  QUASI-RESONANT SMPS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565 Datasheet(HTML) 1 Page - STMicroelectronics

  L6565 Datasheet HTML 1Page - STMicroelectronics L6565 Datasheet HTML 2Page - STMicroelectronics L6565 Datasheet HTML 3Page - STMicroelectronics L6565 Datasheet HTML 4Page - STMicroelectronics L6565 Datasheet HTML 5Page - STMicroelectronics L6565 Datasheet HTML 6Page - STMicroelectronics L6565 Datasheet HTML 7Page - STMicroelectronics L6565 Datasheet HTML 8Page - STMicroelectronics L6565 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
L6565
January 2003
s
QUASI-RESONANT (QR) ZERO-VOLTAGE-
SWITCHING (ZVS) TOPOLOGY
s
LINE FEED FORWARD TO DELIVER
CONSTANT POWER vs. MAINS CHANGE
s
FREQUENCY FOLDBACK FOR OPTIMUM
STANDBY EFFICIENCY
s
PULSE-BY-PULSE & HICCUP-MODE OCP
s
ULTRA-LOW START-UP (< 70µA) AND
QUIESCENT CURRENT (< 3.5mA)
s
DISABLE FUNCTION (ON/OFF CONTROL)
s
1% PRECISION (@ Tj = 25°C) INTERNAL
REFERENCE VOLTAGE
s
±400mA TOTEM POLE GATE DRIVER WITH
UVLO PULL-DOWN
s
BLUE ANGEL, ENERGY STAR, ENERGY
2000 COMPLIANT
APPLICATIONS
s
TV/MONITOR SMPS
s
AC-DC ADAPTERS/CHARGERS
s
DIGITAL CONSUMER
s
PRINTERS, FAX MACHINES,
PHOTOCOPIERS AND SCANNERS
DESCRIPTION
The L6565 is a current-mode primary controller IC,
specifically designed to build offline Quasi-resonant
ZVS (Zero Voltage Switching at switch turn-on) fly-
back converters.
Quasi-resonant operation is achieved by means of a
transformer demagnetization sensing input that trig-
gers MOSFET's turn-on.
DIP8(Minidip)
SO-8
ORDERING NUMBERS:
L6565N
L6565D
QUASI-RESONANT SMPS CONTROLLER
BLOCK DIAGRAM
+
-
VREF2
VOLTAGE
REGULATOR
INTERNAL
SUPPLY
+
-
2.5V
R1
R2
+
-
DRIVER
+
-
ZERO CURRENT
DETECTOR
2.1V
1.6V
VCC
8
1
23
4
ZCD
VCC
INV
COMP
VFF
CS
GD
7
5
GND
6
20V
40K
5pF
BLANKING
LINE VOLTAGE
FEEDFORWARD
Hiccup-mode
OCP
DISABLE
R
S
Q
STARTER
2 V
+
-
Hiccup-mode
OCP
Starter
STOP
Q
UVLO
Blanking
START


Similar Part No. - L6565

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6565 HAMAMATSU-L6565 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
More results

Similar Description - L6565

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
QUASI RESONANT CONTROLLER
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
Infineon Technologies A...
ICE2QR2280Z-1 INFINEON-ICE2QR2280Z-1 Datasheet
1,005Kb / 21P
Off-Line SMPS Quasi-Resonant PWM Controller with integrated
Version 2.1, March 7, 2013
logo
Monolithic Power System...
EVHFC0100HS-00A MPS-EVHFC0100HS-00A Datasheet
241Kb / 6P
Quasi Resonant Controller
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
Infineon Technologies A...
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
Quasi-Resonant Controller
V 2.1 2020-02-03
logo
Diodes Incorporated
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com