Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6565 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6565
Description  QUASI-RESONANT SMPS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565 Datasheet(HTML) 3 Page - STMicroelectronics

  L6565 Datasheet HTML 1Page - STMicroelectronics L6565 Datasheet HTML 2Page - STMicroelectronics L6565 Datasheet HTML 3Page - STMicroelectronics L6565 Datasheet HTML 4Page - STMicroelectronics L6565 Datasheet HTML 5Page - STMicroelectronics L6565 Datasheet HTML 6Page - STMicroelectronics L6565 Datasheet HTML 7Page - STMicroelectronics L6565 Datasheet HTML 8Page - STMicroelectronics L6565 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
L6565
THERMAL DATA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
SO8
Minidip
Unit
Rth j-amb
Max. Thermal Resistance, Junction-to-ambient
150
100
°C/W
Symbol
Pin
Parameter
Value
Unit
IVcc
8ICC + IZ
30
mA
IGD
7
Output Totem Pole Peak Current (2 µs)
±700
mA
INV, COMP,
VFF, CS
1, 2, 3 4
Analog Inputs & Outputs
-0.3 to 7
V
IZCD
5
Zero Current Detector
50 (source)
-10 (sink)
mA
Ptot
Power Dissipation @Tamb = 50°C
(Minidip)
(SO8)
1
0.65
W
Tj
Junction Temperature Operating range
-40 to 150
°C
Tstg
Storage Temperature
-55 to 150
°C
ELECTRICAL CHARACTERISTCS
(Tj = -25 to 125°C, VCC = 12V, Co = 1nF; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE
Vcc
Operating range
After turn-on
10.3
18
VCCOn
Turn-on threshold
12.5
13.5
14.5
V
VCCOff
Turn-off threshold
8.7
9.5
10.3
V
Hys
Hysteresis
3.65
4
4.3
V
VZ
Zener Voltage
Icc = 25 mA
18
20
22
V
SUPPLY CURRENT
Istart-up
Start-up Current
Before turn-on, VCC = 12V
45
70
µA
Iq
Quiescent Current
After turn-on
2.3
3.5
mA
ICC
Operating Supply Current
@ 70 kHz
3.5
5
mA
Iq
Quiescent Current
During Hiccup-mode OCP
1.6
3.5
mA
Iq
Quiescent Current
VZCD < VDIS, VCC>VCCOff
1.4
2.1
mA
LINE FEEDFORWARD
IVFF
Input Bias Current
VVFF = 0 to 3 V
-1
µA
VVFF
Operating Range
0 to 3
V
K
Gain
VVFF = 1.5V, VCOMP = 4V
0.16
ERROR AMPLIFIER
VINV
Voltage Feedback Input
Threshold
Tamb = 25°C
2.465
2.5
2.535
V
12V < VCC < 18V
2.44
2.56
Line Regulation
Vcc = 12 to 18V
2
5
mV
IINV
Input Bias Current
-0.1
-1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com