Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6565 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6565
Description  QUASI-RESONANT SMPS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6565 Datasheet HTML 9Page - STMicroelectronics L6565 Datasheet HTML 10Page - STMicroelectronics L6565 Datasheet HTML 11Page - STMicroelectronics L6565 Datasheet HTML 12Page - STMicroelectronics L6565 Datasheet HTML 13Page - STMicroelectronics L6565 Datasheet HTML 14Page - STMicroelectronics L6565 Datasheet HTML 15Page - STMicroelectronics L6565 Datasheet HTML 16Page - STMicroelectronics L6565 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
L6565
14/17
Figure 24. Primary Feedback loop configurations
a)
Vcc
-
+
GND
L6565
E/A
INV
2.5V
COMP
to VFF
block
RH
RL
8
2
1
6
Vcc
-
+
GND
L6565
E/A
INV
2.5V
COMP
to VFF
block
RH
RL
8
2
1
6
b)
Figure 25. Protection against secondary
feedback disconnection by primary
regulation take-over
Figure 26. Leading edge blanking circuit for
enhanced primary regulation
Figure 27. Remote ON/OFF control
Figure 28. Low-consumption start-up circuit
8
Vcc
L6565
INV
1
15 V
2.2 k
Ω
COMP
2
Vcc
GND
L6565
1N4148
BC327
2.7 k
Ω
470 pF
L6565
ZCD
ON
OFF
BC337
5
8
6
L6565
CSUPPLY
Vac
R
1N4148
+Vin
Vcc
GND
CSTART
1N4148
RELATED DOCUMENTATION
[1] "L6565, QUASI-RESONANT CONTROLLER” (AN1326)
[2] “25W QUASI-RESONANT FLYBACK CONVERTER FOR SET-TOP BOX APPLICATIONS USING THE
L6565” (AN1376)
[3] “EVAL6565N, 30W AC-DC ADAPTER WITH THE L6565 QUASI-RESONANT PWM CONTROLLER”
(AN1439).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com