Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6565 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6565
Description  QUASI-RESONANT SMPS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565 Datasheet(HTML) 2 Page - STMicroelectronics

  L6565 Datasheet HTML 1Page - STMicroelectronics L6565 Datasheet HTML 2Page - STMicroelectronics L6565 Datasheet HTML 3Page - STMicroelectronics L6565 Datasheet HTML 4Page - STMicroelectronics L6565 Datasheet HTML 5Page - STMicroelectronics L6565 Datasheet HTML 6Page - STMicroelectronics L6565 Datasheet HTML 7Page - STMicroelectronics L6565 Datasheet HTML 8Page - STMicroelectronics L6565 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
L6565
2/17
DESCRIPTION (continued)
Converter's power capability variations with the mains voltage are compensated by line voltage feedforward.
At light load the device features a special function that automatically lowers the operating frequency still main-
taining the operation as close to ZVS as possible. In addition to very low start-up and quiescent currents, this
feature helps keep low the consumption from the mains at light load and be Blue Angel and Energy Star com-
pliant.
The IC includes also a disable function, an on-chip filter on current sense, an error amplifier with a precise ref-
erence voltage for primary regulation and an effective two-level overcurrent protection.
PIN CONNECTION (Top view, Minidip and SO8)
PIN DESCRIPTION
Name
Function
1
INV
Inverting input of the error amplifier. The information on the output voltage is fed into the pin
through either a resistor divider (primary regulation) or an optocoupler (secondary feedback).
This pin can be grounded in some secondary feedback schemes (see pin 2).
2
COMP
Output of the error amplifier. Typically, a compensation network is placed between this pin and
the INV pin to achieve stability and good dynamic performance of the voltage control loop. With
secondary feedback, the pin can be also driven directly by an optocoupler to control PWM by
modulating the current sunk from the pin (with the INV pin grounded).
3
VFF
Line voltage feedforward. The information on the converter’s input voltage is fed into the pin
through a resistor divider and is used to change the setpoint of the pulse-by-pulse current
limitation (the higher the voltage, the lower the setpoint). If this function is not desired the pin will
be grounded and the current limitation setpoint will be maximum.
4
CS
Input to the PWM comparator. The primary current is sensed through a resistor, the resulting
voltage is applied to this pin and compared with an internal reference to determine MOSFET’s
turn-off. The internal reference is clamped at a value, which defines the pulse-by-pulse current
limitation setpoint, depending on the voltage at pin VFF. If the signal at the pin CS exceeds 2 V,
the gate driver will be disabled (Hiccup-mode OCP).
5
ZCD
Transformer’s demagnetization sensing input for Quasi-Resonant operation. Alternately,
synchronization input for an external signal. A negative-going edge triggers MOSFET’s turn-on.
The trigger circuit is blanked for a minimum of 3.5 µs after MOSFET turn-off, for safe operation
under short circuit conditions and frequency foldback. If the pin is grounded the IC will be
disabled.
6
GND
Ground. Current return for both the signal part of the IC and the gate driver.
7
GD
Gate driver output. The totem pole output stage is able to drive power MOSFET’s and IGBT’s
with a peak current of 400 mA (source and sink).
8
Vcc
Supply Voltage of both the signal part of the IC and the gate driver. An electrolytic capacitor is
connected between this pin and ground. A resistor connected from this pin to the converter’s
input bulk capacitor will be typically used to start up the device.
ZCD
INV
COMP
VFF
CS
Vcc
GD
GND
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com