Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6565 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6565
Description  QUASI-RESONANT SMPS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6565 Datasheet HTML 6Page - STMicroelectronics L6565 Datasheet HTML 7Page - STMicroelectronics L6565 Datasheet HTML 8Page - STMicroelectronics L6565 Datasheet HTML 9Page - STMicroelectronics L6565 Datasheet HTML 10Page - STMicroelectronics L6565 Datasheet HTML 11Page - STMicroelectronics L6565 Datasheet HTML 12Page - STMicroelectronics L6565 Datasheet HTML 13Page - STMicroelectronics L6565 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
L6565
10/17
It acts on the clamp level of the control voltage Vcsx, that is on the overcurrent setpoint, so that it is a function
of the converter's input voltage sensed through a dedicated pin (#3, VFF): the higher the input voltage, the lower
the setpoint. This is illustrated in the diagram of figure 17a that shows the relationship between the voltage at
the pin VFF and Vcsx (with the error amplifier saturated high in the attempt of keeping output voltage regulation).
The schematic in figure 17b shows also how the function is included in the control loop. With a proper selection
of the external divider R1-R2 it is possible to achieve the optimum compensation described by the lower curve
in the diagram of figure 16.
In applications where this function is not wanted, e.g. because of a narrow input voltage range, the VFF pin can
be simply grounded, thus saving the resistor divider. The overcurrent setpoint will be then fixed at the maximum
value of about 1.4V (1.5V max.).
Line Feedforward is also beneficial to other characteristics of quasi-resonant converters: it improves their input
ripple rejection ability and limits the variation of the power stage's small-signal gain versus the line voltage.
Figure 17. a) Overcurrent setpoint vs. VFF voltage; b) Line Feedforward function block
Vcsx [V]
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
VVFF [V]
VCOMP = Upper clamp
E/A
4
23
Rs
PWM
VOLTAGE
FEED
FORWARD
+Vin
+
-
2.5V
1
DRIVER
7
R1
R2
INV
COMP
VFF
CS
GD
L6565
2 V
Hiccup
DISABLE
R
S
Q
5
ZCD
STARTER
ZCD
(reset-dominant)
starter STOP
a)
b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com